công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145028P bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc |
|
MC145028P bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 20 page Electrical Specifications MC145026, MC145027, MC145028 Technical Data, Rev. 4 Freescale Semiconductor 7 Table 4. Switching Characteristics - MC1450261, MC145027, and MC145028 (CL = 50 pF, TA = 25°C) 1 Also see next Electrical Characteristics table for 2.5 V specifications. Symbol Characteristic Figure No. VDD Guaranteed Limit Unit Min Max tTLH, tTHL Output Transition Time 5, 9 5.0 10 15 - - - 200 100 80 ns tr Din Rise Time - Decoders 6 5.0 10 15 - - - 15 15 15 µs tf Din Fall Time - Decoders 6 5.0 10 15 - - - 15 5.0 4.0 µs fosc Encoder Clock Frequency 7 5.0 10 15 0.001 0.001 0.001 2.0 5.0 10 MHz f Decoder Frequency - Referenced to Encoder Clock 13 5.0 10 15 1.0 1.0 1.0 240 410 450 kHz tw TE Pulse Width - Encoders 8 5.0 10 15 65 30 20 - - - ns Table 5. Switching Characteristics - MC145026 (CL = 50 pF, TA = 25°C) Symbol Characteristic Figure No. VDD Guaranteed Limit Unit Min Max tTLH, tTHL Output Transition Time 5, 9 2.5 - 450 ns fosc Encoder Clock Frequency 7 2.5 1.0 250 kHz tw TE Pulse Width 8 2.5 1.5 - µs |
Số phần tương tự - MC145028P |
|
Mô tả tương tự - MC145028P |