công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF51JM64 bảng dữ liệu(PDF) 32 Page - Freescale Semiconductor, Inc

tên linh kiện MCF51JM64
Giải thích chi tiết về linh kiện  MCF51JM128 ColdFire Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51JM64 bảng dữ liệu(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MCF51JM64 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCF51JM64 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCF51JM64 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF51JM64 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF51JM64 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF51JM64 Datasheet HTML 33Page - Freescale Semiconductor, Inc MCF51JM64 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF51JM64 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF51JM64 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
MCF51JM128 ColdFire Microcontroller, Rev. 2
Preliminary Electrical Characteristics
Freescale Semiconductor
32
2.12
SPI Characteristics
Table 20 and Figure 14 through Figure 17 describe the timing requirements for the SPI system.
Table 20. SPI Electrical Characteristic
Num1
1
Refer to Figure 14 through Figure 17.
C
Characteristic2
2
All timing is shown with respect to 20% VDD and 70% VDD, unless noted; 100 pF load on all SPI pins. All
timing assumes slew rate control disabled and high drive strength enabled for SPI output pins.
Symbol
Min
Max
Unit
1
D
Operating frequency
Master
Slave
fop
fop
fBus/2048dc
fBus/2
fBus/4
Hz
2
D
Cycle time
Master
Slave
tSCK
tSCK
2
4
2048
tcyc
tcyc
3
D
Enable lead time
Master
Slave
tLead
tLead
1/2
1/2
tSCKtS
CK
4
D
Enable lag time
Master
Slave
tLag
tLag
1/2
1/2
tSCKtS
CK
5
D
Clock (SPSCK) high time Master and
Slave
tSCKH
1/2 tSCK – 25
ns
6
D
Clock (SPSCK) low time Master and
Slave
tSCKL
1/2 tSCK – 25
ns
7
D
Data setup time (inputs)
Master
Slave
tSI(M)
tSI(S)
30
30
ns
ns
8
D
Data hold time (inputs)
Master
Slave
tHI(M)
tHI(S)
30
30
ns
ns
9
D
Access time, slave3
3
Time to data active from high-impedance state.
tA
040
ns
10
D
Disable time, slave4
4
Hold time to high-impedance state.
tdis
—40
ns
11
D
Data setup time (outputs)
Master
Slave
tSO
tSO
25
25
ns
ns
12
D
Data hold time (outputs)
Master
Slave
tHO
tHO
–10
–10
ns
ns


Số phần tương tự - MCF51JM64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51JM64EVLD FREESCALE-MCF51JM64EVLD Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF51JM64EVLH FREESCALE-MCF51JM64EVLH Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF51JM64EVLK FREESCALE-MCF51JM64EVLK Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF51JM64EVQH FREESCALE-MCF51JM64EVQH Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF51JM64VLD FREESCALE-MCF51JM64VLD Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
More results

Mô tả tương tự - MCF51JM64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51JM128 FREESCALE-MCF51JM128_09 Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com