công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145027DW bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MC145027DW
Giải thích chi tiết về linh kiện  Encoder and Decoder Pairs CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145027DW bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC145027DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145027DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145027DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145027DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145027DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145027DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145027DW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145027DW Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145027DW Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Pin Descriptions
MC145026, MC145027, MC145028 Technical Data, Rev. 4
Freescale Semiconductor
9
“low” levels are 70% and 30% of the supply voltage as shown in the Electrical Characteristics table. The
weak “output” device sinks/sources up to 110
µA at a 5 V supply level, 500 µA at 10 V, and 1 mA at 15 V.
The TE input has an internal pull-up device so that a simple switch may be used to force the input low.
While TE is high, the encoder is completely disabled, the oscillator is inhibited, and the current drain is
reduced to quiescent current. When TE is brought low, the oscillator is started and the transmit sequence
begins. The inputs are then sequentially selected, and determinations are made as to the input logic states.
This information is serially transmitted via the Dout pin.
3.2
MC145027
This decoder receives the serial data from the encoder and outputs the data, if it is valid. The transmitted
data, consisting of two identical words, is examined bit by bit during reception. The first five trinary digits
are assumed to be the address. If the received address matches the local address, the next four (data) bits
are internally stored, but are not transferred to the output data latch. As the second encoded word is
received, the address must again match. If a match occurs, the new data bits are checked against the
previously stored data bits. If the two nibbles of data (four bits each) match, the data is transferred to the
output data latch by VT and remains until new data replaces it. At the same time, the VT output pin is
brought high and remains high until an error is received or until no input signal is received for four data
periods (see Figure 11).
Although the address information may be encoded in trinary, the data information must be either a 1 or 0.
A trinary (open) data line is decoded as a logic 1.
3.3
MC145028
This decoder operates in the same manner as the MC145027 except that nine address lines are used and
no data output is available. The VT output is used to indicate that a valid address has been received. For
transmission security, two identical transmitted words must be consecutively received before a VT output
signal is issued.
The MC145028 allows 19,683 addresses when trinary levels are used. 512 addresses are possible when
binary levels are used.
4
Pin Descriptions
4.1
MC145026 Encoder
A1 - A5, A6/D6 - A9/D9
Address, Address/Data Inputs (Pins 1 - 7, 9, and 10)
These address/data inputs are encoded and the data is sent serially from the encoder via the Dout pin.
RS, CTC, RTC
(Pins 11, 12, and 13)
These pins are part of the oscillator section of the encoder (see Figure 10).


Số phần tương tự - MC145027DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145027DW LANSDALE-MC145027DW Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DW FREESCALE-MC145027DW Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Mô tả tương tự - MC145027DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com