công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145026D bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MC145026D
Giải thích chi tiết về linh kiện  Encoder and Decoder Pairs CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026D bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MC145026D Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Specifications
MC145026, MC145027, MC145028 Technical Data, Rev. 4
Freescale Semiconductor
5
Table 2. Electrical Characteristics - MC1450261, MC145027, and MC145028
(Voltage Referenced to VSS)
Symbol
Characteristic
VDD
V
Guaranteed Limit
Unit
- 40
°C
25
°C
85
°C
Min
Max
Min
Max
Min
Max
VOL
Low-Level Output Voltage
(Vin = VDD or 0)
5.0
10
15
-
-
-
0.05
0.05
0.05
-
-
-
0.05
0.05
0.05
-
-
-
0.05
0.05
0.05
V
VOH
High-Level Output Voltage
(Vin = 0 or VDD)
5.0
10
15
4.95
9.95
14.95
-
-
-
4.95
9.95
14.95
-
-
-
4.95
9.95
14.95
-
-
-
V
VIL
Low-Level Input Voltage
(Vout = 4.5 or 0.5 V)
(Vout = 9.0 or 1.0 V)
(Vout = 13.5 or 1.5 V)
5.0
10
15
-
-
-
1.5
3.0
4.0
-
-
-
1.5
3.0
4.0
-
-
-
1.5
3.0
4.0
V
VIH
High-Level Input Voltage
(Vout = 0.5 or 4.5 V)
(Vout = 1.0 or 9.0 V)
(Vout = 1.5 or 13.5 V)
5.0
10
15
3.5
7.0
11
-
-
-
3.5
7.0
11
-
-
-
3.5
7.0
11
-
-
-
V
IOH
High-Level Output Current
(Vout = 2.5 V)
(Vout = 4.6 V)
(Vout = 9.5 V)
(Vout = 13.5 V)
5.0
5.0
10
15
- 2.5
- 0.52
- 1.3
- 3.6
-
-
-
-
- 2.1
- 0.44
- 1.1
- 3.0
-
-
-
-
- 1.7
- 0.36
- 0.9
- 2.4
-
-
-
-
mA
IOL
Low-Level Output Current
(Vout = 0.4 V)
(Vout = 0.5 V)
(Vout = 1.5 V)
5.0
10
15
0.52
1.3
3.6
-
-
-
0.44
1.1
3.0
-
-
-
0.36
0.9
2.4
-
-
-
mA
Iin
Input Current - TE
(MC145026, Pull-Up Device)
5.0
10
15
-
-
-
-
-
-
3.0
16
35
11
60
120
-
-
-
-
-
-
µA
Iin
Input Current
RS (MC145026), Din (MC145027, MC145028)
15
-
± 0.3
-
± 0.3
-
± 1.0
µA
Iin
Input Current
A1 - A5, A6/D6 - A9/D9 (MC145026),
A1 - A5 (MC145027),
A1 - A9 (MC145028)
5.0
10
15
-
-
-
-
-
-
-
-
-
± 110
± 500
± 1000
-
-
-
-
-
-
µA
Cin
Input Capacitance (Vin = 0)
-
-
-
-
7.5
-
-
pF
IDD
Quiescent Current - MC145026
5.0
10
15
-
-
-
-
-
-
-
-
-
0.1
0.2
0.3
-
-
-
-
-
-
µA
IDD
Quiescent Current - MC145027, MC145028
5.0
10
15
-
-
-
-
-
-
-
-
-
50
100
150
-
-
-
-
-
-
µA
1 Also see next Electrical Characteristics table for 2.5 V specifications.


Số phần tương tự - MC145026D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145026D MOTOROLA-MC145026D Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026D LANSDALE-MC145026D Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026D FREESCALE-MC145026D Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Mô tả tương tự - MC145026D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com