công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145028 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
MC145028 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
10 / 20 page MC145026, MC145027, MC145028 Technical Data, Rev. 4 10 Freescale Semiconductor Pin Descriptions If an external signal source is used instead of the internal oscillator, it should be connected to the RS input and the RTC and CTC pins should be left open. TE Transmit Enable (Pin 14) This active-low transmit enable input initiates transmission when forced low. An internal pull-up device keeps this input normally high. The pull-up current is specified in the Electrical Characteristics table. Dout Data Out (Pin 15) This is the output of the encoder that serially presents the encoded data word. VSS Negative Power Supply (Pin 8) The most-negative supply potential. This pin is usually ground. VDD Positive Power Supply (Pin 16) The most-positive power supply pin. 4.2 MC145027 and MC145028 Decoders A1 - A5, A1 - A9 Address Inputs (Pins 1 - 5)-MC145027, Address Inputs (Pins 1 - 5, 15, 14, 13, 12)-MC145028 These are the local address inputs. The states of these pins must match the appropriate encoder inputs for the VT pin to go high. The local address may be encoded with trinary or binary data. D6 - D9 Data Outputs (Pins 15, 14, 13, 12)-MC145027 Only These outputs present the binary information that is on encoder inputs A6/D6 through A9/D9. Only binary data is acknowledged; a trinary open at the MC145026 encoder is decoded as a high level (logic 1). Din Data In (Pin 9) This pin is the serial data input to the decoder. The input voltage must be at CMOS logic levels. The signal source driving this pin must be dc coupled. |
Số phần tương tự - MC145028 |
|
Mô tả tương tự - MC145028 |