công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145027 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MC145027 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 20 page MC145026, MC145027, MC145028 Technical Data, Rev. 4 4 Freescale Semiconductor Electrical Specifications Figure 4. MC145028 Decoder Block Diagram 2 Electrical Specifications This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD. Table 1. Maximum Ratings* (Voltages Referenced to VSS) Ratings Symbol Value Unit DC Supply Voltage VDD - 0.5 to + 18 V DC Input Voltage Vin - 0.5 to VDD + 0.5 V DC Output Voltage Vout - 0.5 to VDD + 0.5 V DC Input Current, per Pin Iin ± 10 mA DC Output Current, per Pin Iout ± 10 mA Power Dissipation, per Package PD 500 mW Storage Temperature Tstg - 65 to + 150 °C Lead Temperature, 1 mm from Case for 10 Seconds TL 260 °C * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Electrical Characteristics tables or Pin Descriptions section. SEQUENCER CIRCUIT CONTROL LOGIC 9-BIT SHIFT REGISTER DATA EXTRACTOR A1 A2 A3 A4 A5 1 2 3 4 5 VDD = PIN 16 VSS = PIN 8 A6 A8 A7 A9 15 12 14 13 1 2 3 4 5 6 7 8 9 11 VT 9 Din 76 10 C1 C2 R1 R2 |
Số phần tương tự - MC145027 |
|
Mô tả tương tự - MC145027 |