công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34675AEPR2 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MC34675AEPR2
Giải thích chi tiết về linh kiện  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34675AEPR2 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC34675AEPR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34675AEPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34675AEPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34675AEPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34675AEPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34675AEPR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34675AEPR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34675AEPR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34675AEPR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34675
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 10. Charge Current vs Battery Voltage
VIN = 5.0V, TA = 25°C
Figure 11. VISET vs VIN
VBAT = 3.7V, TA = 25°C
Figure 12. VISET vs Charge Current
VIN = 5.0V, TA = 25°C
Figure 13. DET Pin Output Voltage vs Input Voltage
RDET = 470Ω, IBAT = 0mA, TA = 25°C
Figure 14. DET Pin Output Voltage vs Charge Current
VIN = 5.2V, IDET = 10mA, TA = 25°C
Figure 15. DET Pin Output Voltage vs Output Current
VIN = 5.2V, IBAT = 0mA, TA = 25°C
012
3
4
5
0
200
400
600
800
1000
1200
R
ISET
=15.8 kΩ
R
ISET
=7.9 kΩ
R
ISET
=3.95 kΩ
Battery Voltage (V)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
IN
(V)
0
200
400
600
800
1000 1200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
R
ISET
=15.8kΩ R
ISET
=7.9kΩ
R
ISET
=3.95 kΩ
Charge Current (mA)
0
123
456
7
0
1
2
3
4
5
V
IN
Falling
V
IN
Rising
Input Voltage (V)
0
200
400
600
800
1000
4.70
4.75
4.80
4.85
4.90
4.95
5.00
I
BAT
(mA)
0
2
4
6
8
10
12
14
4.70
4.75
4.80
4.85
4.90
4.95
5.00
I
DET
(mA)


Số phần tương tự - MC34675AEPR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34670 FREESCALE-MC34670 Datasheet
720Kb / 24P
   IEEE 802.3af PD With Current Mode Switching Regulator
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671 NXP-MC34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEP FREESCALE-MC34671AEP Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671AEP/R2 FREESCALE-MC34671AEP/R2 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results

Mô tả tương tự - MC34675AEPR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Texas Instruments
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com