công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13211 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MC13211
Giải thích chi tiết về linh kiện  ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13211 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC13211_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.4
Freescale Semiconductor
7
1.7
System Clock Configuration
The MC321x device allows for a wide array of system clock configurations:
Pins are provided for a separate external clock source for the CPU. The external clock source can
by derived from a crystal oscillator or from an external clock source
Pins are provided for a 16 MHz crystal for the modem clock source (required)
The modem crystal oscillator frequency can be trimmed through programming to maintain the tight
tolerances required by the 802.15.4 Standard
The modem provides a CLKO programmable frequency clock output that can be used as an
external source to the CPU. As a result, a single crystal system clock solution is possible
Out of reset, the MCU uses an internally generated clock (approximately 8-MHz) for start-up. This
allows recovery from stop or reset without a long crystal start-up delay
The MCU contains an internal clock generator (which can be trimmed) that can be used to run the
MCU for low power operation. This internal reference is approximately 243 kHz
Figure 2. MC1321x Single Crystal System Clock Structure
802.15.4 M O D E M
HC S 0 8 M C U
XTA L 1
X T A L 2
C L KO
EX TA L
X T A L
M C 1321 X
27
28
10
98
16M H z


Số phần tương tự - MC13211_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13211R2 FREESCALE-MC13211R2 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211R2 FREESCALE-MC13211R2 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211R2 FREESCALE-MC13211R2 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13211R2 NXP-MC13211R2 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results

Mô tả tương tự - MC13211_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com