công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33880DWB bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC33880DWB
Giải thích chi tiết về linh kiện  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33880DWB bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33880DWB Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33880DWB Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33880DWB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33880DWB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33880DWB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33880DWB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33880DWB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33880DWB Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33880DWB Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33880
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Typical values, where applicable, reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Fully Operational
VPWR(FO)
5.5
24.5
V
Supply Current
IPWR(ON)
8.0
14
mA
Sleep State Supply Current (VDD and EN = 0 V, VPWR = 16 V)
Temperature = -40°C to 95°C
Temperature = 95°C to 125°C
IPWR(SS)
2.0
5.0
5.0
20
µA
Overvoltage Shutdown
VOV
25
27
30
V
Overvoltage Shutdown Hysteresis
VOV(HYS)
0.15
0.8
2.5
V
Logic Supply Voltage
VDD
4.75
5.25
V
Logic Supply Current
IDD
0.5
2.6
4.0
mA
Logic Supply Undervoltage Lockout Threshold
VDD(UNVOL)
3.9
4.3
4.7
V
Logic Supply Undervoltage Hysteresis
VDD(UNVOL-HYS)
100
150
300
mV
POWER OUTPUT
Drain-to-Source ON Resistance (VPWR = 16 V)
IOUT = 0.25 A, TJ = 125°C
IOUT = 0.25 A, TJ = 25°C
IOUT = 0.25 A, TJ = -40°C
RDS(ON)
0.75
0.55
0.45
1.1
0.85
0.80
Output Self-Limiting Current High-Side and Low-Side Configurations
VPWR = 16 V
IOUT(LIM)
0.8
1.4
2.0
A
Output Fault Detect Threshold (8), (9)
Outputs Programmed OFF
VOUTth(F)
1.0
3.0
V
Output Off Open Load Detect Current (8)
Outputs Programmed OFF
IOCO
0.30
0.55
1.0
mA
Output Clamp Voltage Low-Side Drive
ID = 10 mA
VOC(LSD)
40
45
55
V
Output Clamp Voltage High-Side Drive
IS = -30 mA
VOC(HSD)
-15
-20
-25
V
Output Leakage Current High-Side and Low-Side Configuration
VDD = 0 V, VDS = 16 V
IOUT(LKG)
1.0
7.0
µA
Overtemperature Shutdown (9)
TLIM
155
185
°C
Overtemperature Shutdown Hysteresis (9)
TLIM(HYST)
5.0
10
15
°C
Notes
8.
Output Fault Detect Thresholds with outputs programmed OFF. Output fault detect threshold are the same for output open and shorts.
9.
This parameter is guaranteed by design but is not production tested.


Số phần tương tự - MC33880DWB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33880DWB FREESCALE-MC33880DWB Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MC33880DWB FREESCALE-MC33880DWB Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880DWB/R2 MOTOROLA-MC33880DWB/R2 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
MC33880DWBR2 FREESCALE-MC33880DWBR2 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results

Mô tả tương tự - MC33880DWB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com