công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33880DW bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC33880DW
Giải thích chi tiết về linh kiện  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33880DW bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33880DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33880DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33880DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33880DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33880DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33880DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33880DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33880DW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33880DW Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33880
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Typical values, where applicable, reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Slew Rate Low-Side Configuration (12)
RL = 620 Ω
tR
0.1
0.5
1.2
V/
µs
Output Slew Rate Low-Side Configuration (12)
RL = 620 Ω
tF
0.1
0.5
1.2
V/
µs
Output Slew Rate High-Side Configuration (12)
RL = 620 Ω
tR
0.1
0.3
1.2
V/
µs
Output Slew Rate High-Side Configuration (12)
RL = 620 Ω
tF
0.1
0.3
1.2
V/
µs
Output Turn ON Delay Time, High-Side and Low-Side Configuration (13)
tDLY(ON)
1.0
15
50
µs
Output Turn OFF Delay Time, High-Side and Low-Side Configuration (13)
tDLY(OFF)
1.0
30
100
µs
Output Fault Delay Time (14)
tFAULT
100
300
µs
DIGITAL INTERFACE TIMING
Recommended Frequency of SPI Operation
4.0
6.0
MHz
Required Low State Duration on VDD for Reset (15)
VDD ≤ 0.2 V
tRESET
4.0
10
µs
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)
tLEAD
100
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time)
tLAG
50
ns
DI to Falling Edge of SCLK (Required Setup Time)
tDI(su)
16
ns
Falling Edge of SCLK to DI (Required Hold Time)
tDI(HOLD)
20
ns
DI, CS, SCLK Signal Rise Time (16)
tR(DI)
5.0
ns
DI, CS, SCLK Signal Fall Time (16)
tF(DI)
5.0
ns
Time from Falling Edge of CS to DO Low Impedance (17)
tDO(EN)
60
ns
Time from Rising Edge of CS to DO High Impedance (18)
tDO(DIS)
60
ns
Time from Rising Edge of SCLK to DO Data Valid (19)
tVALID
25
60
ns
Notes
12.
Output Rise and Fall time respectively measured across a 620
Ω resistive load at 10 to 90 percent and 90 to 10 percent voltage points.
13.
Output turn ON and OFF delay time measured from 50 percent rising edge of CS to 90 and 10 percent of initial voltage.
14.
Duration of fault before fault bit is set. Duration between access times must be greater than 300
µs to read faults.
15.
This parameter is guaranteed by design but is not production tested.
16.
Rise and Fall time of incoming DI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
17.
Time required for output status data to be available for use at DO pin.
18.
Time required for output status data to be terminated at DO pin
19.
Time required to obtain valid data out from DO following the rise of SCLK.


Số phần tương tự - MC33880DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33880DW FREESCALE-MC33880DW Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MC33880DW FREESCALE-MC33880DW Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880DW/R2 MOTOROLA-MC33880DW/R2 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
MC33880DWB FREESCALE-MC33880DWB Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MC33880DWB FREESCALE-MC33880DWB Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
More results

Mô tả tương tự - MC33880DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com