công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33879AEKR2 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33879AEKR2
Giải thích chi tiết về linh kiện  Configurable Octal Serial Switch with Open Load Detect Current Disable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33879AEKR2 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33879AEKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33879
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE
Input Logic High-voltage Thresholds(9)
VIH
0.7 VDD
VDD + 0.3
V
Input Logic Low-voltage Thresholds(9)
VIL
GND - 0.3
0.2 VDD
V
IN5, IN6, EN Input Logic Current
IN5, IN6, EN = 0V
IIN5, IIN6, IEN
-10
10
μA
IN5, IN6 Pull-down Current
0.8 to 5.0V
IIN5, IIN6,
30
45
100
μA
EN Pull-down Current
EN = 5.0V
IEN
20
45
100
μA
SCLK, DI Input, Tri-state DO Output
0 to 5.0 V
ISCK, IDI, ITRI-
DO
-10
10
μA
CS Input Current
CS = VDD
ICS
-10
10
μA
CS Pull-up Current
CS = 0V
ICS
-30
-100
μA
CS Leakage Current to VDD
CS = 5.0V, VDD = 0V
ICS(LKG)
10
μA
DO High-state Output Voltage
IDO-HIGH = -1.6mA
VDOHIGH
VDD - 0.4
VDD
V
DO Low-state Output Voltage
IDO-LOW = 1.6mA
VDOLOW
0.4
V
Input Capacitance on SCLK, DI, Tri-state DO, IN5, IN6, EN(10)
CIN
20
pF
Notes
9.
Upper and lower logic threshold voltage levels apply to DI, CS, SCLK, IN5, IN6, and EN.
10.
This parameter is guaranteed by design; however, it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 3.1V
≤ V
DD ≤ 5.5V, 5.5V ≤ VPWR ≤ 18V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MCZ33879AEKR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33879AEKR2 FREESCALE-MCZ33879AEKR2 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
More results

Mô tả tương tự - MCZ33879AEKR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33879 MOTOROLA-MC33879 Datasheet
408Kb / 20P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
logo
Freescale Semiconductor...
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com