công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QA2CDNE bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QA2CDNE
Giải thích chi tiết về linh kiện  8-bit HCS08 Central Processor Unit (CPU)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QA2CDNE bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC9S08QA2CDNE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QA2CDNE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QA2CDNE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QA2CDNE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QA2CDNE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QA2CDNE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QA2CDNE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QA2CDNE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08QA2CDNE Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Electrical Characteristics
MC9S08QA4 Series, Rev. 2
Freescale Semiconductor
7
A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device specification. Complete
DC parametric and functional testing is performed per the applicable device specification at room temperature followed by hot
temperature, unless specified otherwise in the device specification.
3.5
DC Characteristics
This section includes information about power supply requirements and I/O pin characteristics.
Table 4. ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human
Body
Series resistance
R1
1500
Ω
Storage capacitance
C
100
pF
Number of pulses per pin
3
Machine
Series resistance
R1
0
Ω
Storage capacitance
C
200
pF
Number of pulses per pin
3
Latch-up
Minimum input voltage limit
–2.5
V
Maximum input voltage limit
7.5
V
Table 5. ESD and Latch-Up Protection Characteristics
No.
Rating1
1 Parameter is achieved by design characterization on a small sample size from typical devices
under typical conditions unless otherwise noted.
Symbol
Min
Max
Unit
1
Human body model (HBM)
VHBM
±2000
V
2
Machine model (MM)
VMM
±200
V
3
Charge device model (CDM)
VCDM
±500
V
4
Latch-up current at TA = 85°CILAT
±100
mA
Table 6. DC Characteristics (Temperature Range = –40 to 85
°C Ambient)
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage (run, wait, and stop modes)
V
(VDD falling)
VDD
1.8
3.6
(VDD rising)
VLVDL
(rising)
—3.6
Minimum RAM retention supply voltage applied to VDD
VRAM
Vpor
1,2
——
V
Low-voltage detection threshold
(VDD falling)
VLVD
1.80
1.82
1.91
V
(VDD rising)
1.88
1.90
1.99
Low-voltage warning threshold
(VDD falling)
VLVW
2.08
2.1
2.2
V


Số phần tương tự - MC9S08QA2CDNE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QA2CEDNE FREESCALE-MC9S08QA2CEDNE Datasheet
2Mb / 32P
   Technical Data
MC9S08QA2CFQEE FREESCALE-MC9S08QA2CFQEE Datasheet
2Mb / 32P
   Technical Data
MC9S08QA2CPAE FREESCALE-MC9S08QA2CPAE Datasheet
2Mb / 32P
   Technical Data
More results

Mô tả tương tự - MC9S08QA2CDNE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com