công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCZ33879EK bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc |
|
MCZ33879EK bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 25 page Analog Integrated Circuit Device Data Freescale Semiconductor 7 33879 ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS Table 4. Static Electrical Characteristics Characteristics noted under conditions 3.1V ≤ V DD ≤ 5.5V, 5.5V ≤ VPWR ≤ 18V, -40°C ≤ TC ≤ 125°C, unless otherwise noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C. Characteristic Symbol Min Typ Max Unit POWER INPUT Supply Voltage Range Fully Operational 33879 33879A VPWR(FO) 5.5 5.5 – – 26.5 27.5 V Supply Current IPWR(ON) – 14 24 mA Sleep State Supply Current VDD or EN ≤ 0.8V, VPWR = 13V IPWR(SS) – 2.0 5.0 μA Sleep State Supply Current EN ≤ 0.8V, V DD = 5.5V IVDD(SS) – 2.0 5.0 μA V PWR Over-voltage Shutdown Threshold Voltage 33879 33879A VPWR(OV) 27 28 28.5 30 32 33 V VPWR Over-voltage Shutdown Hysteresis Voltage VPWR(OV-HYS) 0.2 1.5 2.5 V VPWR Under-voltage Shutdown Threshold Voltage VPWR(UV) 3.0 4.0 5.0 V V PWR Under-voltage Shutdown Hysteresis Voltage VPWR(UV-HYS) 300 500 700 mV Logic Supply Voltage VDD 3.1 – 5.5 V Logic Supply Current IDD 250 400 700 μA Logic Supply Sleep State Threshold Voltage VDD(SS) 0.8 2.5 3.0 V |
Số phần tương tự - MCZ33879EK |
|
Mô tả tương tự - MCZ33879EK |