công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33742EP bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC33742EP
Giải thích chi tiết về linh kiện  System Basis Chip with Enhanced High Speed CAN Transceiver
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33742EP bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33742EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33742EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33742EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33742EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33742EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33742EP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33742EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33742EP Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33742EP Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
INPUT PIN (VSUP) (CONTINUED)
Supply Current in Stop Mode(14)
(IOUT at VDD < 2.0mA, VDD ON, VSUP < 13.5V, Oscillator Not Running,
CAN in Sleep Mode with Wake-up Enabled)(15)
TA = -40°C
TA = 25°C
TA = 125°C
ISUP(STOP-WE)
100
92
80
μA
BATFAIL Flag Internal Threshold
VBF
1.5
3.0
4.0
V
BATFAIL Flag Hysteresis(16)
VBF(HYS)
1.0
V
Battery Fall Early Warning Threshold
In Normal and Standby Modes
VBF(EW)
5.3
5.8
6.3
V
Battery Fall Early Warning Hysteresis
In Normal and Standby Modes(16)
VBF(EW-HYST)
0.1
0.2
0.3
V
OUTPUT PIN (VDD)(17)
VDD Output Voltage (2.0mA < IV1 < 200mA)
5.5V < VSUP < 27V
4.5V < VSUP < 5.5V
VDDOUT
4.9
4.0
5.0
5.1
V
Dropout Voltage
IDD = 200mA
VDDDRP1
0.2
0.5
V
Dropout Voltage, Limited Output Current and Low VSUP
IDD = 50 mA, 4.5 V < VSUP
VDDDRP2
0.1
0.25
V
Output Current
Internally Limited
IDD
200
285
350
mA
Thermal Shutdown (Junction)
Normal or Standby Mode
TSD
160
200
°C
Over-temperature Pre-warning (Junction)
VDDTEMP Bit Set
TPW
125
160
°C
Notes
14.
Current measured at the VSUP pin.
15.
Oscillator not running means none of the following functions are active: Forced Wake-up and Cyclic Sense and Software Watchdog in
Stop mode.
16.
Guaranteed by design; it is not production tested.
17.
IDD is the total regulator output current. V1 specification with external capacitor. Stability requirement: Capacitance > 47μF, ESR < 1.3Ω
(tantalum capacitor). In Reset, Normal Request, Normal and Standby modes. Measures with capacitance = 47
μF tantalum.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75V
≤ V2 ≤ 5.25V, 5.5V ≤ VSUP ≤ 18V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC33742EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DW MOTOROLA-MC33742DW Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Freescale Semiconductor...
MC33742DW FREESCALE-MC33742DW Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742DWR2 MOTOROLA-MC33742DWR2 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Freescale Semiconductor...
MC33742DWR2 FREESCALE-MC33742DWR2 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
More results

Mô tả tương tự - MC33742EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com