công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCZ33291EG bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc |
|
MCZ33291EG bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 27 page Analog Integrated Circuit Device Data Freescale Semiconductor 7 33291 ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS Output OFF Open Load Detect Current (21) Output Programmed OFF, VOUT = 0.6 VDD IOCO 30 50 100 μA Output Clamp Voltage 2.0 mA < IOUT < 200 mA VOK 45 53 65 V Output Leakage Current (VDD < 2.0 V) (22) IOUT(LKG) -25 0 25 μA Overtemperature Shutdown (Outputs OFF) (23) TLIM 155 180 – °C Overtemperature Shutdown Hysteresis (23) TLIM(HYS) – 10 20 °C DIGITAL INTERFACE Input Logic High Voltage (24) VIH 0.7 – 1.0 VDD Input Logic Low Voltage (24) VIL 0 – 0.2 VDD Input Logic Threshold Hysteresis (SCLK, RST, and SFPD) (25) VI(HYS) 50 100 500 mV SI Pull-Up Current (SI = 0 V) ISI 0 10 20 μA CS Pull-Up Current (CS = 0 V) ICS 0 10 20 μA SCLK Pull-Down Current (SCLK = 5.0 V) ISCLK 0 10 20 μA RST Pull-Down Current (RST = 5.0 V) IRST 5.0 25 50 μA SFPD Pull-Down Current (SFPD = 5.0 V) ISFPD 5.0 10 25 μA SO High-State Output Voltage (IOH = 1.0 mA) VSOH VDD - 0.4 V VDD - 0.2 V – V SO Low-State Output Voltage (IOL = -1.6 mA) VSOL – 0.2 0.4 V SO Tri-State Leakage Current (CS = 0.7 VDD, 0 V < VSO < VDD) ISOT -10 0 10 μA Input Capacitance (0 V < VDD < 5.5 V) (26) CIN – – 12 pF SO Tn-State Capacitance (0 V < VDD < 5.5 V) (27) CSOT – – 20 pF Notes 21. Output OFF Open Load Detect Current is the current required to flow through the load for the purpose of detecting the existence of an open load condition when the specific output is commanded to be OFF. 22. Output leakage current measured with the output OFF and at 16 V. 23. This parameter is guaranteed by design, but it is not production tested. 24. Upper and lower logic threshold voltage levels apply to SI, CS, SCLK, RST, and SFPD inputs. 25. Hysteresis is characterized, but it is not production tested. 26. Input capacitance of SI CS, SCLK, RST, and SFPD for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not production tested. 27. Tri-state capacitance of SO for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not production tested. Table 4. Static Electrical Characteristics (continued) Characteristics noted under conditions 4.5 V ≤ VDD ≤ 5.5 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted. Typical values noted reflect the approximate value with VBAT = 13 V, TA = 25°C. Characteristic Symbol Min Typ Max Unit |
Số phần tương tự - MCZ33291EG |
|
Mô tả tương tự - MCZ33291EG |