công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD8870 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FDD8870
Giải thích chi tiết về linh kiện  N-Channel PowerTrench짰 MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8870 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FDD8870 Datasheet HTML 1Page - Fairchild Semiconductor FDD8870 Datasheet HTML 2Page - Fairchild Semiconductor FDD8870 Datasheet HTML 3Page - Fairchild Semiconductor FDD8870 Datasheet HTML 4Page - Fairchild Semiconductor FDD8870 Datasheet HTML 5Page - Fairchild Semiconductor FDD8870 Datasheet HTML 6Page - Fairchild Semiconductor FDD8870 Datasheet HTML 7Page - Fairchild Semiconductor FDD8870 Datasheet HTML 8Page - Fairchild Semiconductor FDD8870 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2008 Fairchild Semiconductor Corporation
FDD8870 / FDU8870 Rev. C2
FDD8870 / FDU8870
N-Channel PowerTrench® MOSFET
30V, 160A, 3.9m
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either
synchronous
or
conventional
switching
PWM
controllers. It has been optimized for low gate charge, low
rDS(ON) and fast switching speed.
Applications
• DC/DC converters
Features
•rDS(ON) = 3.9mΩ, VGS = 10V, ID = 35A
•rDS(ON) = 4.4mΩ, VGS = 4.5V, ID = 35A
• High performance trench technology for extremely low
rDS(ON)
• Low gate charge
• High power and current handling capability
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
160
A
Continuous (TC = 25
oC, V
GS = 10V) (Note 1)
Continuous (TC = 25
oC, V
GS = 4.5V) (Note 1)
150
A
Continuous (Tamb = 25
oC, V
GS = 10V, with R
θJA = 52
oC/W)
21
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 2)
690
mJ
PD
Power dissipation
160
W
Derate above 25oC1.07
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252, TO-251
0.94
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, TO-251
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in2 copper pad area
52
oC/W
D
G
S
G DS
I-PAK
(TO-251AA)
G
S
D
TO-252
D-PAK
(TO-252)
tm
April
2008


Số phần tương tự - FDD8870

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD8870 FAIRCHILD-FDD8870 Datasheet
129Kb / 11P
   N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD8870 ISC-FDD8870 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8870 UMW-FDD8870 Datasheet
389Kb / 8P
   30V N-Channel MOSFET
logo
ON Semiconductor
FDD8870-F085 ONSEMI-FDD8870-F085 Datasheet
511Kb / 11P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
More results

Mô tả tương tự - FDD8870

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com