công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KSE13003H3ASTU bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor |
|
KSE13003H3ASTU bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page © 2007 Fairchild Semiconductor Corporation www.fairchildsemi.com KSE13003 Rev. 1.0.0 1 March 2008 KSE13003 NPN Silicon Transistor High Voltage Switch Mode Applications • High Voltage Capability • High Speed Switching • Suitable for Switching Regulator and Motor Control Absolute Maximum Ratings* T C = 25°C unless otherwise noted (notes_1) * These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. NOTES_1: 1) These ratings are based on a maximum junction temperature of 150 °C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. hFE Classification * Test on VCE = 2V, IC = 0.5A. Symbol Parameter Value Units VCBO Collector-Base Voltage 700 V VCEO Collector-Emitter Voltage 400 V VEBO Emitter-Base Voltage 9 V IC Collector Current (DC) 1.5 A ICP Collector Current (Pulse) 3 A IB Base Current 0.75 A PC Collector Dissipation (TC = 25°C) 20 W TJ Junction Temperature 150 °C TSTG Storage Temperature Range -65 ~ 150 °C Classification H1 H2 H3 hFE* 9 ~ 16 14~ 21 19 ~ 26 1 TO-126 1. Emitter 2.Collector 3.Base |
Số phần tương tự - KSE13003H3ASTU |
|
Mô tả tương tự - KSE13003H3ASTU |