công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQPF12N60C bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FQPF12N60C
Giải thích chi tiết về linh kiện  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF12N60C bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FQPF12N60C Datasheet HTML 1Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 2Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 3Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 4Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 5Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 6Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 7Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 8Page - Fairchild Semiconductor FQPF12N60C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQP12N60C / FQPF12N60C Rev. B1
September 2007
QFET
®
FQP12N60C / FQPF12N60C
600V N-Channel MOSFET
Features
• 12A, 600V, RDS(on) = 0.65Ω @VGS = 10 V
• Low gate charge ( typical 48 nC)
• Low Crss ( typical 21pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• RoHS compliant
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies, active power factor
correction, electronic lamp ballast based on half bridge
topology.
Absolute Maximum Ratings
*Drain current limited by maximum junction temperature
Thermal Characteristics
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
D
G
S
Symbol
Parameter
FQP12N60C
FQPF12N60C
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
12
7.4
12*
7.4*
A
A
IDM
Drain Current
- Pulsed
(Note 1)
48
48*
A
VGSS
Gate-Source voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
870
mJ
IAR
Avalanche Current
(Note 1)
12
A
EAR
Repetitive Avalanche Energy
(Note 1)
22.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
225
1.78
51
0.41
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
FQP12N60C
FQPF12N60C
Unit
RθJC
Thermal Resistance, Junction-to-Case
0.56
2.43
°C/W
RθJS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W


Số phần tương tự - FQPF12N60C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
873Kb / 10P
   FQP12N60C/FQPF12N60C
logo
Kersemi Electronic Co.,...
FQPF12N60C KERSEMI-FQPF12N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF12N60C ISC-FQPF12N60C Datasheet
303Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
FQPF12N60CT FAIRCHILD-FQPF12N60CT Datasheet
804Kb / 8P
   600V N-Channel MOSFET
More results

Mô tả tương tự - FQPF12N60C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com