công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN324C bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện FIN324C
Giải thích chi tiết về linh kiện  24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324C bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN324C Datasheet HTML 2Page - Fairchild Semiconductor FIN324C Datasheet HTML 3Page - Fairchild Semiconductor FIN324C Datasheet HTML 4Page - Fairchild Semiconductor FIN324C Datasheet HTML 5Page - Fairchild Semiconductor FIN324C Datasheet HTML 6Page - Fairchild Semiconductor FIN324C Datasheet HTML 7Page - Fairchild Semiconductor FIN324C Datasheet HTML 8Page - Fairchild Semiconductor FIN324C Datasheet HTML 9Page - Fairchild Semiconductor FIN324C Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.1.2
6
CMOS I/O Signals
System Control Signals
The system control signals consist of M/S, /RES,
/STBY(SLEW), PAR/SPI, and CKSEL. For connectivity
flexibility, these signals are over-voltage tolerant to the
maximum supply voltage connected to the device. This
allows these signals to be tied HIGH to either a VDDS or
VDDP supply without static current consumption. These
signals are all CMOS inputs and should never be
allowed to float.
Parallel I/O Signals
The parallel data port signals consist of the DP[17:0],
CNTL[5:0], R/W, and STRB1(0)(WCLK1(0)) signals.
These signals have built-in voltage translation, allowing
the signals of the master and slave to be connected to
different VDDP supply voltages.
Serial I/O Signals
CTL I/O Technology
The serial I/O is implemented using Fairchild’s
proprietary differential CTL I/O technology. During data
transfers, the serial I/O are powered up to a normal
operating mode around .5V. Upon completion of a data
transfer, the serial I/O goes to a lower power mode
around VDDS.
Serial I/O Orientation Logic
The serial I/O signal traces should not cross between
the master and the slave. The pin locations have been
designed to eliminate the need to cross traces. See
Table 7, Figure 4 and Figure 5.
Table 7. Serial Pin Orientation
Master (M/S=1) (Pad/Pin #)
Slave (M/S=0) (Pad/Pin #)
Package
CKS+
CKS-
DS-
DS+
CKS+
CKS-
DS-
DS+
MLP
2
3
6
7
7
6
3
2
BGA
D1
E1
F1
G1
G1
F1
E1
D1
BGA
Slave
A
B
C
D
E
F
G
1
2
3
456
<DS+>
<DS->
<CKS->
<CKS+>
BGA
Master
G
F
E
D
C
B
A
DS-
CKS-
CKS+
65
4
3
2
1
DS+
21
22
23
24
25
26
27
28
29
30
10
9
8
7
6
5
4
3
2
1
2
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
MLP
Master
M/S
PAR/SPI
/RES
DS+
DS-
VDDA
VDDS
CKS-
CKS+
CKSEL(H)
MLP
Slave
CKSEL(H)
(DS+)
(DS-)
VDDS
VDDA
(CKS-)
(CKS+)
/RES
PAR/SPI
M/S
Figure 4.
BGA Pair
Figure 5.
MLP Pair


Số phần tương tự - FIN324C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
288Kb / 4P
   FIN324C Reset and Standby
FIN324CGFX FAIRCHILD-FIN324CGFX Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN324CMLX FAIRCHILD-FIN324CMLX Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
More results

Mô tả tương tự - FIN324C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com