công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN212AC bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FIN212AC
Giải thích chi tiết về linh kiện  12-Bit Serializer Deserializer with Multiple Frequency Ranges
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN212AC bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FIN212AC Datasheet HTML 1Page - Fairchild Semiconductor FIN212AC Datasheet HTML 2Page - Fairchild Semiconductor FIN212AC Datasheet HTML 3Page - Fairchild Semiconductor FIN212AC Datasheet HTML 4Page - Fairchild Semiconductor FIN212AC Datasheet HTML 5Page - Fairchild Semiconductor FIN212AC Datasheet HTML 6Page - Fairchild Semiconductor FIN212AC Datasheet HTML 7Page - Fairchild Semiconductor FIN212AC Datasheet HTML 8Page - Fairchild Semiconductor FIN212AC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN212AC Rev. 1.0.6
2
Pin Definitions
Pin
I/O type
# of
Pins
Description of Signals
DP[1:12]
CMOS-I/O
12
LV-CMOS Parallel I/O. Direction controlled by DIRI pin.
CKREF
CMOS-IN
1
LV-CMOS clock input and PLL reference.
STROBE
CMOS-IN
1
LV-CMOS strobe input for latching data into the serializer.
CKP
CMOS-
OUT
1
LV-CMOS word clock output.
DSO+(DSI-)
(1)
DSO-(DSI+)
DIFF-I/O
2
CTL Differential serial I/O data signals.
(2)
DS(I)+: Positive signal of DS(I) pair; DS(I)-: Negative signal of DS(I) pair.
CKSI+, CKSI-
DIFF-IN
2
CTL Differential deserializer input bit clock.
CKSI+: Positive signal of CKSI pair; CKSI-: Negative signal of CKSI pair.
CKSO+,
CKSO-
DIFF-OUT
2
CTL Differential serializer output bit clock.
CKSO+: Positive signal of CKSO pair;
CKSO-: Negative signal of CKSO pair.
S0, S1
CMOS-IN
1
DIRI=1: signals are used to define frequency range for the PLL. DIRI=0:
Signals are used to define the edge rate of the deserializer parallel I/Os.
PLL0(PWS0)
CMOS-IN
1
DIRI=1: PLL0 signal is used to divide or adjust the serial frequency.
DIRI=0: PWS0 signal is used to set the width of the CKP output pulse.
PLL1(PWS1)
CMOS-IN
1
DIRI=1: PLL1 Signal is used to divide the serial frequency.
DIRI=0: PWS1 pin controls the output pulse width.
TEST / (XTRM)
CMOS_IN
1
DIRI=1: TEST=0, Normal Operation. DIRI=0: Termination enable
functionality for deserializer. XTRM=0 Internal termination. XTRM=1
External termination required. Ground this pin for serializer.
CTL_ADJ
(GND)
CMOS_IN
1
Adjusts CTL drive for serializer. Ground this pin for deserializer.
DIRI
IN
1
LV-CMOS Control Input. Used to control direction of data flow: DIRI= “1”
Serializer, DIRI=“0” Deserializer
/DIRO
OUT
1
LV-CMOS Output. Inversion of DIRI in normal operation mode.
VDDP
Supply
1
Power supply for parallel I/O and translation circuitry.
VDDS
Supply
1
Power supply for core and serial I/O.
VDDA
Supply
1
Power supply for analog PLL circuitry.
GND
Supply
0
Ground center pad, ground D4, E3 and NCs for 42-ball BGA. Ground B5,
C2, C4 for 36-ball BGA.
Notes:
1.
() Indicate deserializer functionality when DIRI=0.
2.
The DS serial port pins are arranged such that when one device is rotated 180 degrees from the other device,
the serial connections properly align without the need for any traces or cable signals to cross. Other layout
orientations may require that traces or cables cross.
3.
All unused LV-CMOS input signals should be connected to GND or VDDP. Signals can be connected directly to
the rail or through a resistor.
4.
All unused LV-CMOS output signals should be allowed to float.


Số phần tương tự - FIN212AC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACMLX FAIRCHILD-FIN212ACMLX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Mô tả tương tự - FIN212AC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com