công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCPL2601 bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện HCPL2601
Giải thích chi tiết về linh kiện  High Speed 10MBit/s Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2601 bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  HCPL2601 Datasheet HTML 1Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137, HCPL2601, HCPL2611, HCPL2630, HCPL2631 Rev. 1.0.7
4
Electrical Characteristics (Continued)
Transfer Characteristics (TA = -40 to +85°C unless otherwise specified)
Isolation Characteristics (TA = -40°C to +85°C unless otherwise specified.)
*All Typicals at VCC = 5V, TA = 25°C
Notes:
1. The VCC supply to each optoisolator must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic
or solid tantalum capacitor with good high frequency characteristic and should be connected as close as possible
to the package VCC and GND pins of each device.
2. Each channel.
3. Enable Input – No pull up resistor required as the device has an internal pull up resistor.
4. tPLH – Propagation delay is measured from the 3.75mA level on the HIGH to LOW transition of the input current
pulse to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse.
5. tPHL – Propagation delay is measured from the 3.75mA level on the LOW to HIGH transition of the input current
pulse to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse.
6. tr – Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse.
7. tf – Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse.
8. tELH – Enable input propagation delay is measured from the 1.5V level on the HIGH to LOW transition of the input
voltage pulse to the 1.5V level on the LOW to HIGH transition of the output voltage pulse.
9. tEHL – Enable input propagation delay is measured from the 1.5V level on the LOW to HIGH transition of the input
voltage pulse to the 1.5V level on the HIGH to LOW transition of the output voltage pulse.
10. CMH – The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the
HIGH state (i.e., VOUT > 2.0V). Measured in volts per microsecond (V/µs).
11. CML – The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the
LOW output state (i.e., VOUT < 0.8V). Measured in volts per microsecond (V/µs).
12. Device considered a two-terminal device: Pins 1, 2, 3 and 4 shorted together, and Pins 5, 6, 7 and 8 shorted
together.
Symbol
DC Characteristics
Test Conditions
Min.
Typ.*
Max.
Unit
IOH
HIGH Level Output Current
VCC = 5.5V, VO = 5.5V,
IF = 250µA, VE = 2.0V
(2)
100
µA
VOL
LOW Level Output Current
VCC = 5.5V, IF = 5mA, VE = 2.0V,
ICL = 13mA
(2)
.35
0.6
V
IFT
Input Threshold Current
VCC = 5.5V, VO = 0.6V, VE = 2.0V,
IOL = 13mA
3
5
mA
Symbol
Characteristics
Test Conditions
Min.
Typ.*
Max.
Unit
II-O
Input-Output Insulation
Leakage Current
Relative humidity = 45%,
TA = 25°C, t = 5s,
VI-O = 3000 VDC
(12)
1.0*
µA
VISO
Withstand Insulation Test
Voltage
RH < 50%, TA = 25°C,
II-O ≤ 2µA, t = 1 min.
(12)
2500
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500V
(12)
1012
CI-O
Capacitance (Input to Output)
f = 1MHz(12)
0.6
pF


Số phần tương tự - HCPL2601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HCPL2601 HP-HCPL2601 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Fairchild Semiconductor
HCPL2601M FAIRCHILD-HCPL2601M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL2601M ONSEMI-HCPL2601M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
More results

Mô tả tương tự - HCPL2601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com