công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL1963A-33KTTR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL1963A-33KTTR
Giải thích chi tiết về linh kiện  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-33KTTR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TL1963A-33KTTR Datasheet HTML 1Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 2Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 3Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 4Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 5Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 6Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 7Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 8Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ELECTRICAL CHARACTERISTICS
(1)
TL1963A-xx
SLVS719A – JUNE 2008 – REVISED AUGUST 2008 ........................................................................................................................................................ www.ti.com
Over operating temperature range TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP(2)
MAX
UNIT
ILOAD = 0.5 A
25°C
1.9
VIN
Minimum input voltage(3)(4)
V
ILOAD = 1.5 A
Full range
2.1
2.5
VIN = 2.21 V, ILOAD = 1 mA
25°C
1.477
1.500
1.523
TL1963A-1.5
VIN = 2.5 V to 20 V,
Full range
1.447
1.500
1.545
ILOAD = 1 mA to 1.5 A
VIN = 2.3 V, ILOAD = 1 mA
25°C
1.773
1.800
1.827
TL1963A-1.8
VIN = 2.8 V to 20 V,
Full range
1.737
1.800
1.854
ILOAD = 1 mA to 1.5 A
VOUT
Regulated output voltage(5)
V
VIN = 3 V, ILOAD = 1 mA
25°C
2.462
2.500
2.538
TL1963A-2.5
VIN = 3.5 V to 20 V,
Full range
2.412
2.500
2.575
ILOAD = 1 mA to 1.5 A
VIN = 3.8 V, ILOAD = 1 mA
25°C
3.250
3.300
3.350
TL1963A-3.3
VIN = 4.3 V to 20 V,
Full range
3.200
3.300
3.400
ILOAD = 1 mA to 1.5 A
VIN = 2.21 V, ILOAD = 1 mA
25°C
1.192
1.21
1.228
VADJ
ADJ pin voltage(3)(5)
TL1963A
V
VIN = 2.5 V to 20 V,
Full range
1.174
1.21
1.246
ILOAD = 1 mA to 1.5 A
ΔVIN = 2.21 V to 20 V,
TL1963A-1.5
Full range
2
6
ILOAD = 1 mA
ΔVIN = 2.3 V to 20 V,
TL1963A-1.8
Full range
2.5
7
ILOAD = 1 mA
ΔVIN = 3 V to 20 V,
Line regulation
TL1963A-2.5
Full range
3
10
mV
ILOAD = 1 mA
ΔVIN = 3.8 V to 20 V,
TL1963A-3.3
Full range
3.5
10
ILOAD = 1 mA
ΔVIN = 2.21 V to 20 V,
TL1963A(3)
Full range
1.5
5
ILOAD = 1 mA
25°C
2
9
VIN = 2.5 V,
TL1963A-1.5
ΔILOAD = 1 mA to 1.5 A
Full range
18
25°C
2
10
VIN = 2.8 V,
TL1963A-1.8
ΔILOAD = 1 mA to 1.5 A
Full range
20
25°C
2.5
15
VIN = 3.5 V,
Load regulation
TL1963A-2.5
mV
ΔILOAD = 1 mA to 1.5 A
Full range
30
25°C
3
20
VIN = 4.3 V,
TL1963A-3.3
ΔILOAD = 1 mA to 1.5 A
Full range
70
25°C
2
8
VIN = 2.5 V,
TL1963A(3)
ΔILOAD = 1 mA to 1.5 A
Full range
18
(1)
The TL1963A-xx regulators are tested and specified under pulse load conditions such that TJ ≈ TA. The TL1963A-xx is fully tested at
TA = 25°C. Performance at –40°C and 125°C is specified by design, characterization, and correlation with statistical process controls.
(2)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
(3)
The TL1963A (adjustable version) is tested and specified for these conditions with the ADJ pin connected to the OUT pin.
(4)
For the TL1963A, TL1963A-1.5 and TL1963A-1.8, dropout voltages are limited by the minimum input voltage specification under some
output voltage/load conditions.
(5)
Operating conditions are limited by maximum junction temperature. The regulated output voltage specification does not apply for all
possible combinations of input voltage and output current. When operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage range must be limited.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Số phần tương tự - TL1963A-33KTTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1963A-33KTTR TI-TL1963A-33KTTR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-33KTTR TI-TL1963A-33KTTR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-33KTTR TI1-TL1963A-33KTTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

Mô tả tương tự - TL1963A-33KTTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com