công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP5NA50FI bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STP5NA50FI
Giải thích chi tiết về linh kiện  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NA50FI bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STP5NA50FI Datasheet HTML 1Page - STMicroelectronics STP5NA50FI Datasheet HTML 2Page - STMicroelectronics STP5NA50FI Datasheet HTML 3Page - STMicroelectronics STP5NA50FI Datasheet HTML 4Page - STMicroelectronics STP5NA50FI Datasheet HTML 5Page - STMicroelectronics STP5NA50FI Datasheet HTML 6Page - STMicroelectronics STP5NA50FI Datasheet HTML 7Page - STMicroelectronics STP5NA50FI Datasheet HTML 8Page - STMicroelectronics STP5NA50FI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD =250 V
ID =2.5 A
RG =15
VGS =10 V
(see test circuit, figure 3)
17
30
25
40
ns
ns
(di/dt) on
Turn-on Current Slope
VDD =400 V
ID =5 A
RG =15
VGS =10 V
(see test circuit, figure 5)
450
A/
µs
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 400 V
ID =5 A
VGS =10 V
32
7
14
45
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Of f-voltage Rise Time
Fall Time
Cross-over Time
VDD =400 V
ID =5 A
RG =15
Ω VGS =10 V
(see test circuit, figure 5)
18
12
30
25
18
42
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
ISD
I SDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
5
20
A
A
VSD (
∗)
Forward On Volt age
ISD =5 A
VGS =0
1.6
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD =5 A
di/dt = 100 A/
µs
VDD =50 V
Tj =150
oC
(see test circuit, figure 5)
380
3.8
20
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
Safe Operating Areas for TO-220
Safe Operating Areas for ISOWATT220
STP5NA50/FI
3/10


Số phần tương tự - STP5NA50FI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STP5NA60 STMICROELECTRONICS-STP5NA60 Datasheet
205Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP5NA60FI STMICROELECTRONICS-STP5NA60FI Datasheet
205Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP5NA80 STMICROELECTRONICS-STP5NA80 Datasheet
206Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STP5NA80 NJSEMI-STP5NA80 Datasheet
1,018Kb / 3P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
STMicroelectronics
STP5NA80FI STMICROELECTRONICS-STP5NA80FI Datasheet
206Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results

Mô tả tương tự - STP5NA50FI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH7NA80FI NJSEMI-STH7NA80FI Datasheet
154Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com