công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8AP5X87TAY bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STM8AP5X87TAY
Giải thích chi tiết về linh kiện  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X87TAY bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STM8AP5X87TAY Datasheet HTML 6Page - STMicroelectronics STM8AP5X87TAY Datasheet HTML 7Page - STMicroelectronics STM8AP5X87TAY Datasheet HTML 8Page - STMicroelectronics STM8AP5X87TAY Datasheet HTML 9Page - STMicroelectronics STM8AP5X87TAY Datasheet HTML 10Page - STMicroelectronics STM8AP5X87TAY Datasheet HTML 11Page - STMicroelectronics STM8AP5X87TAY Datasheet HTML 12Page - STMicroelectronics STM8AP5X87TAY Datasheet HTML 13Page - STMicroelectronics STM8AP5X87TAY Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Product line-up
STM8AF61xx, STM8AF51xx
10/100
3
Product line-up
.
²
Table 2.
STM8AF/H51xx product line-up - with CAN
Order code
Package
Prog.
(bytes)
RAM
(bytes)
Data EE
(bytes)
10-bit
A/D ch.
Timers
(IC/OC/PWM)
Serial
interfaces
I/0 wakeup
pins
STM8AF/H51AAT
LQFP80
(14x14)
128 K
6 K
2 K
16
1x8-bit: TIM4
3x16-bit: TIM1,
TIM2, TIM3
(9/9/9)
CAN,
LIN(UART),
SPI, USART,
I²C
72/37
STM8AF/H519AT
96 K
STM8AF/H51A9T
LQFP64
(10x10)
128 K
56/36
STM8AF/H5199T
96 K
STM8AF/H5189T
64 K
4 K
1.5 K
STM8AF/H5179T
48 K
3 K
STM8AF/H5169T
32 K
2 K
1 K
STM8AF/H51A8T
LQFP48
(7x7)(1)
1.
QFN package planned
128 K
6 K
2 K
10
40/35
STM8AF/H5198T
96 K
STM8AF/H5188T
64 K
4 K
1.5 K
STM8AF/H5178T
48 K
3 K
Table 3.
STM8AF/H61xx product line-up - without CAN
Order code
Package
Prog.
(bytes)
RAM
(bytes)
Data EE
(bytes)
10-bit
A/D ch.
Timers
(IC/OC/PWM)
Serial
interfaces
I/0
wakeup
pins
STM8AF/H61AAT
LQFP80
(14x14)
128 K
6 K
2 K
16
1x8-bit: TIM4
3x16-bit: TIM1,
TIM2, TIM3
(9/9/9)
LIN(UART),
SPI, USART,
I²C
72/37
STM8AF/H619AT
96 K
STM8AF/H61A9T
LQFP64
(10x10)
128 K
56/36
STM8AF/H6199T
96 K
STM8AF/H6189T
64 K
4 K
1.5 K
STM8AF/H6179T
48 K
3 K
STM8AF/H6169T
32 K
2 K
1 K
STM8AF/H61A8T
LQFP48
(7x7)(1)
1.
QFN package planned
128 K
6 K
2 K
10
40/35
STM8AF/H6198T
96 K
STM8AF/H6188T
64 K
4 K
1.5 K
STM8AF/H6178T
48 K
3 K
STM8AF/H6186T
LQFP32
(7x7)(1)
64 K
4 K
7
1x8-bit: TIM4
3x16-bit: TIM1,
TIM2, TIM3
(8/8/8)
LIN(UART),
SPI, I²C
25/23
STM8AF/H6176T
48 K
3 K


Số phần tương tự - STM8AP5X87TAY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8AP6346ITA STMICROELECTRONICS-STM8AP6346ITA Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346ITC STMICROELECTRONICS-STM8AP6346ITC Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346ITD STMICROELECTRONICS-STM8AP6346ITD Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346IUA STMICROELECTRONICS-STM8AP6346IUA Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346IUC STMICROELECTRONICS-STM8AP6346IUC Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
More results

Mô tả tương tự - STM8AP5X87TAY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
   Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF6388 STMICROELECTRONICS-STM8AF6388 Datasheet
1Mb / 116P
   Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
October 2017 Rev 1
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
   Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
   Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I짼C, 3 to 5.5 V
April 2020
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8AF52AA STMICROELECTRONICS-STM8AF52AA Datasheet
1Mb / 110P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com