công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AP5X87TAY bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
STM8AP5X87TAY bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
9 / 100 page STM8AF61xx, STM8AF51xx Description 9/100 2 Description The STM8A automotive 8-bit microcontrollers offer from 48 to 128 Kbytes of program memory and integrated true data EEPROM. The STM8AF/H51xx series feature a CAN interface. All devices of the STM8A product line provide the following benefits: ● Reduced system cost – Integrated true data EEPROM for up to 300 k write/erase cycles – High system integration level with internal clock oscillators, watchdog and brown- out reset ● Performance and robustness – Peak performance 20 MIPS at 24 MHz and average performance 10 MIPS at 16 MHz CPU clock frequency – Robust I/O, independent watchdogs with separate clock source – Clock security system ● Short development cycles – Applications scalability across a common family product architecture with compatible pinout, memory map and and modular peripherals. – Full documentation and a wide choice of development tools ● Product longevity – Advanced core and peripherals made in a state-of-the art technology – Native automotive product family operating both at 3.3 V and 5 V supply All STM8A and ST7 microcontrollers are supported by the same tools including STVD/STVP development environment, the STice emulator and a low-cost, third party in- circuit debugging tool (for more details, see Section 14: STM8 development tools on page 96). |
Số phần tương tự - STM8AP5X87TAY |
|
Mô tả tương tự - STM8AP5X87TAY |