công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AH6X47TAY bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
STM8AH6X47TAY bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
8 / 100 page Introduction STM8AF61xx, STM8AF51xx 8/100 1 Introduction This datasheet refers to the STM8AF61xx, STM8AH61xx, STM8AF51xx, STM8AH51xx products with 48 to 128 Kbytes of program memory. The STM8AF51xx and STM8AH51xx are hereafter referred to as the STM8AF/H51xx and the STM8AF61xx and STM8AH61xx are hereafter referred to as the STM8AF/H61xx. ‘F’ refers to product versions with data EEPROM and ‘H’ refers to product versions without EEPROM. The identifiers ‘F’ and ‘H’ do not both appear in an order code. The datasheet contains the description of family features, pinout, electrical characteristics, mechanical data and ordering information. ● For complete information on the STM8A microcontroller memory, registers and peripherals, please refer to STM8A microcontroller family reference manual (RM0009). ● For information on programming, erasing and protection of the internal Flash memory please refer to the STM8 Flash programming manual (PM0047). ● For information on the debug and SWIM (single wire interface module) refer to the STM8 SWIM communication protocol and debug module user manual (UM0470). ● For information on the STM8 core, please refer to the STM8 CPU programming manual (PM0044). |
Số phần tương tự - STM8AH6X47TAY |
|
Mô tả tương tự - STM8AH6X47TAY |