công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DV16F1CLF bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DV16F1CLF
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
Download  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DV16F1CLF bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08DV16F1CLF Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08DV16F1CLF Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08DV16F1CLF Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08DV16F1CLF Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08DV16F1CLF Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08DV16F1CLF Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08DV16F1CLF Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08DV16F1CLF Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08DV16F1CLF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 414 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
• 40-MHz HCS08 CPU (20-MHz bus)
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources
On-Chip Memory
• Flash read/program/erase over full operating voltage
and temperature
— MC9S08DV60 = 60K
— MC9S08DV48 = 48K
— MC9S08DV32 = 32K
— MC9S08DV16 = 16K
• Up to 3K Random-access memory (RAM)
Power-Saving Modes
• Two very low power stop modes
• Reduced power wait mode
• Very low power real time interrupt for use in run, wait,
and stop
Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce oscillator;
Crystal or ceramic resonator range of 31.25 kHz to
38.4 kHz or 1 MHz to 16 MHz
• Multi-purpose Clock Generator (MCG) — PLL and
FLL modes (FLL capable of 1.5% deviation using
internal temperature compensation); Internal reference
clock with trim adjustment (trimmed at factory, with
trim value stored in flash); External reference with
oscillator/resonator options
System Protection
• Watchdog computer operating properly (COP) reset
with option to run from backup dedicated 1-kHz
internal clock source or bus clock
• Low-voltage detection with reset or interrupt; selectable
trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• Flash block protect
• Loss-of-lock protection
Development Support
• Single-wire background debug interface
• On-chip, in-circuit emulation (ICE) with real-time bus
capture
Peripherals
• ADC — 16-channel, 12-bit resolution, 2.5
μs
conversion time, automatic compare function,
temperature sensor, internal bandgap reference channel
• ACMPx — Two analog comparators with selectable
interrupt on rising, falling, or either edge of comparator
output; compare option to fixed internal bandgap
reference voltage
• MSCAN — CAN protocol - Version 2.0 A, B; standard
and extended data frames; Support for remote frames;
Five receive buffers with FIFO storage scheme; Flexible
identifier acceptance filters programmable as: 2 x
32-bit, 4 x 16-bit, or 8 x 8-bit
• SCIx — Up to Two SCIs supporting LIN 2.0 Protocol
and SAE J2602 protocols; Full duplex non-return to
zero (NRZ); Master extended break generation; Slave
extended break detection; Wakeup on active edge
• SPI — Full-duplex or single-wire bidirectional;
Double-buffered transmit and receive; Master or Slave
mode; MSB-first or LSB-first shifting
• IIC — Up to 100 kbps with maximum bus loading;
Multi-master operation; Programmable slave address;
General Call Address; Interrupt driven byte-by-byte
data transfer
• TPMx — One 6-channel (TPM1) and one 2-channel
(TPM2); Selectable input capture, output compare, or
buffered edge-aligned PWM on each channel
• RTC — (Real-time counter) 8-bit modulus counter with
binary or decimal based prescaler; External clock
source for precise time base, time-of-day, calendar or
task scheduling functions; Free running on-chip low
power oscillator (1 kHz) for cyclic wake-up without
external components
Input/Output
• 53 general-purpose input/output (I/O) pins and 1
input-only pin
• 24 interrupt pins with selectable polarity on each pin
• Hysteresis and configurable pull device on all input
pins.
• Configurable slew rate and drive strength on all output
pins.
Package Options
• 64-pin low-profile quad flat-pack (LQFP) — 10x10 mm
• 48-pin low-profile quad flat-pack (LQFP) — 7x7 mm
• 32-pin low-profile quad flat-pack (LQFP) — 7x7 mm
MC9S08DV60 Series Features


Số phần tương tự - MC9S08DV16F1CLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DV128 FREESCALE-MC9S08DV128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08DV128F2CLF FREESCALE-MC9S08DV128F2CLF Datasheet
4Mb / 458P
   Microcontrollers
MC9S08DV128F2CLH FREESCALE-MC9S08DV128F2CLH Datasheet
4Mb / 458P
   Microcontrollers
MC9S08DV128F2CLL FREESCALE-MC9S08DV128F2CLL Datasheet
4Mb / 458P
   Microcontrollers
MC9S08DV128F2MLF FREESCALE-MC9S08DV128F2MLF Datasheet
4Mb / 458P
   Microcontrollers
More results

Mô tả tương tự - MC9S08DV16F1CLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com