công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6822RWY6F bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STM6822RWY6F
Giải thích chi tiết về linh kiện  5-pin supervisor with watchdog timer and push-button reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6822RWY6F bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STM6822RWY6F Datasheet HTML 7Page - STMicroelectronics STM6822RWY6F Datasheet HTML 8Page - STMicroelectronics STM6822RWY6F Datasheet HTML 9Page - STMicroelectronics STM6822RWY6F Datasheet HTML 10Page - STMicroelectronics STM6822RWY6F Datasheet HTML 11Page - STMicroelectronics STM6822RWY6F Datasheet HTML 12Page - STMicroelectronics STM6822RWY6F Datasheet HTML 13Page - STMicroelectronics STM6822RWY6F Datasheet HTML 14Page - STMicroelectronics STM6822RWY6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
Operation
11/28
2.3
Push-button reset input (STM6322/6821/6822/6823/6825)
A logic low on MR asserts reset. Reset remains asserted while MR is low, and for trec (see
Figure 25 on page 19) after it returns high. The MR input has an internal 52 k
Ω pull-up
resistor, allowing it to be left open if not used. This input can be driven with TTL/CMOS-logic
levels or with open-drain/collector outputs. Connect a normally open momentary switch from
MR to GND to create a manual reset function; external debounce circuitry is not required. If
MR is driven from long cables or the device is used in a noisy environment, connect a 0.1 µF
capacitor from MR to GND to provide additional noise immunity. MR may float, or be tied to
VCC when not used.
2.4
Watchdog input (STM6321/6821/6822/6823/6824)
The watchdog timer can be used to detect an out-of-control MCU. If the MCU does not
toggle the Watchdog Input (WDI) within tWD (1.6 sec), the reset is asserted. The internal
watchdog timer is cleared by either:
1.
a reset pulse, or
2.
by toggling WDI (high-to-low or low-to-high), which can detect pulses as short as 50 ns.
The timer remains cleared and does not count for as long as reset is asserted. As soon as
reset is released, the timer starts counting.
Note:
The watchdog function may be disabled by floating WDI or tri-stating the driver connected to
WDI. When tri-stated or disconnected, the maximum allowable leakage current is 10 µA and
the maximum allowable load capacitance is 200 pF.
2.5
Applications information
2.5.1
Watchdog input current
The WDI input is internally driven through a buffer and series resistor from the watchdog
counter. For minimum watchdog input current (minimum overall power consumption), leave
WDI low for the majority of the watchdog time-out period. When high, WDI can draw as
much as 160µA. Pulsing WDI high at a low duty cycle will reduce the effect of the large input
current. When WDI is left unconnected, the watchdog timer is serviced within the watchdog
time-out period by a low-high-low pulse from the counter chain.
2.5.2
Ensuring a valid reset output down to VCC =0 V
The STM6xxx supervisors are guaranteed to operate properly down to VCC = 1 V. In
applications that require valid reset levels down to VCC = 0, a pull-down resistor to active-
low outputs (push/pull only, see Figure 12 on page 12) and a pull-up resistor to active-high
outputs (push/pull only, see Figure 13 on page 12) will ensure that the reset line is valid
while the reset output can no longer sink or source current. This scheme does not work with
the open drain outputs of the STM6321/6322/6822.
The resistor value used is not critical, but it must be large enough not to load the reset
output when VCC is above the reset threshold. For most applications, 100 kΩ is adequate.


Số phần tương tự - STM6822RWY6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6822RWY6F STMICROELECTRONICS-STM6822RWY6F Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM6822RWY6F STMICROELECTRONICS-STM6822RWY6F Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
More results

Mô tả tương tự - STM6822RWY6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com