công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6822RWY6F bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STM6822RWY6F
Giải thích chi tiết về linh kiện  5-pin supervisor with watchdog timer and push-button reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6822RWY6F bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STM6822RWY6F Datasheet HTML 1Page - STMicroelectronics STM6822RWY6F Datasheet HTML 2Page - STMicroelectronics STM6822RWY6F Datasheet HTML 3Page - STMicroelectronics STM6822RWY6F Datasheet HTML 4Page - STMicroelectronics STM6822RWY6F Datasheet HTML 5Page - STMicroelectronics STM6822RWY6F Datasheet HTML 6Page - STMicroelectronics STM6822RWY6F Datasheet HTML 7Page - STMicroelectronics STM6822RWY6F Datasheet HTML 8Page - STMicroelectronics STM6822RWY6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
June 2008
Rev 8
1/28
1
STM6321/6322
STM6821/6822/6823/6824/6825
5-pin supervisor with watchdog timer and push-button reset
Features
Precision VCC monitoring of 5, 3.3, 3, or 2.5 V
power supplies
RST outputs (active-low, push-pull or open
drain)
RST outputs (active-high, push-pull)
Reset pulse width of 1.4 ms, 200 ms and
240 ms (typ)(a)
Watchdog timeout period of 1.6 s (typ)(a)
Manual reset input (MR)
Low supply current - 3 µA (typ)
Guaranteed RST (RST) assertion down to
VCC = 1.0 V
Operating temperature: –40 to +85°C
(industrial grade)
RoHS compliance
Lead-free components are compliant with the
RoHS directive
a.
Other trec and watchdog timings are
offered. Minimum order quantities may
apply. Contact local sales office for
availability.
SOT23-5 (WY)
Table 1.
Device summary
Part number
Watchdog input
Manual reset
input
Reset output
Active-low
(push-pull)
Active-high
(push-pull)
Active-low
(open drain)
STM6321
✔✔
STM6322
✔✔
STM6821
✔✔
STM6822
✔✔
STM6823
✔✔
STM6824
✔✔
STM6825
✔✔✔
www.st.com


Số phần tương tự - STM6822RWY6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6822RWY6F STMICROELECTRONICS-STM6822RWY6F Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM6822RWY6F STMICROELECTRONICS-STM6822RWY6F Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
More results

Mô tả tương tự - STM6822RWY6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com