công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6778MRGWB6F bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện STM6778MRGWB6F
Giải thích chi tiết về linh kiện  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6778MRGWB6F bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button STM6778MRGWB6F Datasheet HTML 3Page - STMicroelectronics STM6778MRGWB6F Datasheet HTML 4Page - STMicroelectronics STM6778MRGWB6F Datasheet HTML 5Page - STMicroelectronics STM6778MRGWB6F Datasheet HTML 6Page - STMicroelectronics STM6778MRGWB6F Datasheet HTML 7Page - STMicroelectronics STM6778MRGWB6F Datasheet HTML 8Page - STMicroelectronics STM6778MRGWB6F Datasheet HTML 9Page - STMicroelectronics STM6778MRGWB6F Datasheet HTML 10Page - STMicroelectronics STM6778MRGWB6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
Description
7/29
1.1
Pin descriptions
1.1.1
Active-low, push-pull reset output (RST) - STM6718/20/78/80
The RST pin is driven low and stays low whenever VCC1 or VCC2 or RSTIN falls below its
factory-trimmed or adjustable reset threshold or when MR goes to logic low. It remains low
for trec after ALL supply voltages being monitored rise above their reset thresholds and MR
goes from low to high. (Push-pull outputs are referenced to VCC1.)
1.1.2
Active-low, open drain reset output (RST) - STM6717/19/77/79
The RST pin is driven low and stays low whenever VCC1 or VCC2 or RSTIN falls below its
factory-trimmed or adjustable reset threshold or when MR goes to logic low. It remains low
for trec after ALL supply voltages being monitored rise above their reset thresholds and MR
goes from low to high. Connect an external pull-up resistor to VCC1. A 10kΩ pull-up resistor
should be sufficient for most applications.
1.1.3
Push-button reset input (MR)
When MR goes low the RST output is driven low. RST remains low as long as MR is low and
for trec after MR returns to high. This active-low input has an internal 50kΩ pull-up resistor to
Figure 5.
STM6717/18 SOT23-5 connections
Figure 6.
STM6777/78 SOT23-6 connections
Figure 7.
STM6719/20 SOT23-6 connections
Figure 8.
STM6779/80 SOT23-6 connections
1
RST
VCC1
VCC2
MR
VSS
AI10417
2
3
4
5
1
RST
VCC1
VCC2
MR
VSS
AI10418
2
3
4
5
6
MRC
1
RST
VCC1
VCC2
MR
VSS
AI10419
2
3
4
6
5
RSTIN
1
RST
VCC1
MRC
MR
VSS
AI10420
2
3
4
6
5
RSTIN


Số phần tương tự - STM6778MRGWB6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6778 STMICROELECTRONICS-STM6778 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6778 STMICROELECTRONICS-STM6778 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6778 STMICROELECTRONICS-STM6778 Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6778 STMICROELECTRONICS-STM6778 Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6778 STMICROELECTRONICS-STM6778 Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
More results

Mô tả tương tự - STM6778MRGWB6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6717 STMICROELECTRONICS-STM6717 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6779YWB6F STMICROELECTRONICS-STM6779YWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717TWWY6F STMICROELECTRONICS-STM6717TWWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717_10 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6720SVWB6F STMICROELECTRONICS-STM6720SVWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
STM6718SFWY6F STMICROELECTRONICS-STM6718SFWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
   Push-Button Reset IC with Voltage Supervisor
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com