công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6823SJWY6F bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STM6823SJWY6F
Giải thích chi tiết về linh kiện  5-pin supervisor with watchdog timer and push-button reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823SJWY6F bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STM6823SJWY6F Datasheet HTML 6Page - STMicroelectronics STM6823SJWY6F Datasheet HTML 7Page - STMicroelectronics STM6823SJWY6F Datasheet HTML 8Page - STMicroelectronics STM6823SJWY6F Datasheet HTML 9Page - STMicroelectronics STM6823SJWY6F Datasheet HTML 10Page - STMicroelectronics STM6823SJWY6F Datasheet HTML 11Page - STMicroelectronics STM6823SJWY6F Datasheet HTML 12Page - STMicroelectronics STM6823SJWY6F Datasheet HTML 13Page - STMicroelectronics STM6823SJWY6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Operation
STM6321/6322STM6821/6822/6823/6824/6825
10/28
2
Operation
2.1
Reset output
The STM6xxx Supervisor asserts a reset signal to the MCU whenever VCC goes below the
reset threshold (VRST), a watchdog time-out occurs, or when the Push-button Reset Input
(MR) is taken low. Reset is guaranteed valid for VCC < VRST down to VCC =1 V for TA = 0°C
to 85°C.
During power-up, once VCC exceeds the reset threshold an internal timer keeps reset low
for the reset time-out period, trec. After this interval reset is de-asserted.
Each time RST is asserted, it stays low for at least the reset time-out period (trec). Any time
VCC goes below the reset threshold the internal timer clears. The reset timer starts when
VCC returns above the reset threshold.
2.2
Open drain RST output
The STM6321/6322/6822 have an active-low, open drain reset output. This output structure
will sink current when RST is asserted. Connect a pull-up resistor from RST to any supply
voltage up to 6 V (see Figure 11). Select a resistor value large enough to register a logic
low, and small enough to register a logic high while supplying all input current and leakage
paths connected to the reset output line. A 10 k
Ω pull-up resistor is sufficient in most
applications.
Figure 11.
STM6321/6322/6822 open drain RST output with multiple supplies
1.
STM6322/6822
2.
STM6321/6822
3.
STM6321/6322
AI09137
STM6XXX
RST
MR
(1)
WDI
(2)
RST
(3)
GND
10k
VCC
5V System
5.0V
3.3V


Số phần tương tự - STM6823SJWY6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6823SJWY6F STMICROELECTRONICS-STM6823SJWY6F Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
More results

Mô tả tương tự - STM6823SJWY6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com