công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6825MJWY6F bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
STM6825MJWY6F bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
5 / 28 page STM6321/6322STM6821/6822/6823/6824/6825 Description 5/28 1 Description The STM6xxx supervisors are self-contained devices which provide microprocessor supervisory functions. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer (except for STM6322/6825) and/or a push-button (MR) reset input. These devices are available in a standard 5-pin SOT23 package. Figure 1. Logic diagram (STM6821/6822/6823) 1. For STM6821 only. Figure 2. Logic diagram (STM6321/6322/6824/6825) 1. For STM6321/6824. Table 2. Signal names MR Push-button reset input WDI Watchdog input RST Active-low reset output RST Active-high reset output VCC Supply voltage VSS Ground AI09128 VCC STM6XXX VSS RST (RST)(1) WDI MR AI09129 VCC STM6XXX VSS RST RST (WDI) (1) MR |
Số phần tương tự - STM6825MJWY6F |
|
Mô tả tương tự - STM6825MJWY6F |