công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6321RWY6E bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện STM6321RWY6E
Giải thích chi tiết về linh kiện  5-pin supervisor with watchdog timer and push-button reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6321RWY6E bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button STM6321RWY6E Datasheet HTML 3Page - STMicroelectronics STM6321RWY6E Datasheet HTML 4Page - STMicroelectronics STM6321RWY6E Datasheet HTML 5Page - STMicroelectronics STM6321RWY6E Datasheet HTML 6Page - STMicroelectronics STM6321RWY6E Datasheet HTML 7Page - STMicroelectronics STM6321RWY6E Datasheet HTML 8Page - STMicroelectronics STM6321RWY6E Datasheet HTML 9Page - STMicroelectronics STM6321RWY6E Datasheet HTML 10Page - STMicroelectronics STM6321RWY6E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
Description
7/28
1.1
Pin descriptions
1.1.1
Active-low, push-pull reset output (RST) - STM6822/6823/6824/6825
Pulses low when triggered, and stays low whenever VCC is below the reset threshold or
when MR is a logic low. It remains low for trec after either VCC rises above the reset
threshold, the watchdog triggers a reset, or MR goes from low to high.
1.1.2
Active-low, open drain reset output (RST) - STM6321/6322/6822
Pulses low when triggered, and stays low whenever VCC is below the reset threshold or
when MR is a logic low. It remains low for trec after either VCC rises above the reset
threshold, the watchdog triggers a reset, or MR goes from low to high. Connect a pull-up
resistor to supply voltage.
1.1.3
Push-button reset input (MR)
A logic low on MR asserts the reset output. Reset remains asserted as long as MR is low
and for trec after MR returns high. This active-low input has an internal 52 kΩ pull-up. It can
be driven from a TTL or CMOS logic line, or shorted to ground with a switch. Leave open if
unused.
1.1.4
Watchdog input (WDI)
If WDI remains high or low for at least 1.6s, the internal watchdog timer expires and reset is
asserted. The internal watchdog timer clears while reset is asserted or when WDI sees a
rising or falling edge. The watchdog function CAN be disabled if WDI is left unconnected or
is connected to a tri-state buffer output.
1.1.5
Active-high reset output (RST)
Active-high, push-pull reset output; inverse of RST.
Table 3.
Pin functions
Pin
Name
Function
STM6822
STM6823
STM6821
STM6321
STM6824
STM6322
STM6825
1—
1
1
RST
Active-low reset output
33
4
MR
Push-button reset input
4
4
4
WDI
Watchdog Input
1
3
3
RST
Active-high reset output
55
5
5
VCC
Supply voltage
22
2
2
VSS
Ground


Số phần tương tự - STM6321RWY6E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6321RWY6E STMICROELECTRONICS-STM6321RWY6E Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM6321RWY6E STMICROELECTRONICS-STM6321RWY6E Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
More results

Mô tả tương tự - STM6321RWY6E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com