công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM1404CTODQ6F bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
STM1404CTODQ6F bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
5 / 35 page STM1404 List of figures 5/36 List of figures Figure 1. Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 2. QFN16 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 3. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 4. Hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Figure 5. Tamper pin (TP1 or TP3) normally high (NH) external hookup (switch closed) . . . . . . . . . 10 Figure 6. Tamper pin (TP1 or TP3) normally high (NH) external hookup (switch open). . . . . . . . . . . 10 Figure 7. Tamper pin (TP2 or TP4) normally low (NL) external hookup (switch closed) . . . . . . . . . . 10 Figure 8. Tamper pin (TP2 or TP4) normally low (NL) external hookup (switch open). . . . . . . . . . . . 11 Figure 9. Power-fail comparator waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Figure 10. Supply voltage protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Figure 11. VBAT -to-VOUt on-resistance vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 12. Supply current vs. temperature (no load) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 13. VPFI threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 14. Reset comparator propagation delay vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 15. Power-up trec vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 16. Normalized reset threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 17. PFI to PFO propagation delay vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 18. RST output voltage vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 19. RST response time (assertion) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 20. Power-fail comparator response time (assertion) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 21. Power-fail comparator response time (de-assertion) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 22. VCC to reset propagation delay vs. temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 23. Maximum transient duration vs. reset threshold overdrive . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 24. AC testing input/output waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Figure 25. MR timing waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Figure 26. STM1404 switchover diagram, condition A (VBAT < VSW) . . . . . . . . . . . . . . . . . . . . . . . . . 26 Figure 27. STM1404 switchover diagram, condition B (VBAT > VSW) . . . . . . . . . . . . . . . . . . . . . . . . . 26 Figure 28. Temperature hysteresis . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Figure 29. QFN16 – 16-lead, quad, flat package, no lead, 3 x 3 mm body size, outline . . . . . . . . . . . 31 Figure 30. QFN16 – 16-lead, quad, flat package, no lead, 3 x 3 mm, recommended footprint . . . . . . 32 Figure 31. Topside marking information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 |
Số phần tương tự - STM1404CTODQ6F |
|
Mô tả tương tự - STM1404CTODQ6F |