công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1404CTODQ6F bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STM1404CTODQ6F
Giải thích chi tiết về linh kiện  3 V FIPS-140 security supervisor with battery switchover
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CTODQ6F bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STM1404CTODQ6F Datasheet HTML 1Page - STMicroelectronics STM1404CTODQ6F Datasheet HTML 2Page - STMicroelectronics STM1404CTODQ6F Datasheet HTML 3Page - STMicroelectronics STM1404CTODQ6F Datasheet HTML 4Page - STMicroelectronics STM1404CTODQ6F Datasheet HTML 5Page - STMicroelectronics STM1404CTODQ6F Datasheet HTML 6Page - STMicroelectronics STM1404CTODQ6F Datasheet HTML 7Page - STMicroelectronics STM1404CTODQ6F Datasheet HTML 8Page - STMicroelectronics STM1404CTODQ6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
August 2008
Rev 5
1/36
1
STM1404
3 V FIPS-140
security supervisor with battery switchover
Features
STM1404 supports FIPS-140 security level 4
– Four high-impedance physical tamper
inputs
– Over/under operating voltage detector
– Security alarm (SAL) on tamper detection
– Over/under operating temperature detector
– Over/under temperature thresholds are
customer-selectable and factory-
programmed
Supervisory functions
– Automatic battery switchover
–RST output (open drain)
– Manual (push-button) reset input (MR)
– Power-fail comparator (PFI/PFO)
Vccsw (VCC switch output)
– Low when switched to VCC
– High when switched to VBAT (BATT ON
indicator)
Battery low voltage detector (power-up)
Optional VREF (1.237 V)
– (Available for STM1404A only)
Low battery supply current (5.3 µA typ)
Secure low profile 16-pin, 3 x 3 mm, QFN
package
RoHS compliance
– Lead-free components compliant with the
RoHS directive
QFN16, 3 mm x 3 mm (Q)
Table 1.
Device summary
Device
Standard
supervisory
functions(1)
Physical
tamper
inputs
Over/under
voltage
alarms
Over/under
temperature
alarms
VREF
(1.237 V)
option
VOUT status,
during alarm
Vccsw status,
during alarm
STM1404A
✔✔
ON
Normal mode(2)
STM1404B(3)
✔✔
Note(4)
High-Z
High
STM1404C
✔✔
Note(4)
Ground
High
1.
Reset output, power-fail comparator, battery low detection (SAL, RST, PFO, and BLD are open drain).
2.
Normal mode: low when VOUT is internally switched to VCC and high when VOUT is internally switched to battery.
3.
Contact local ST sales office for availability.
4.
Pin 9 is the VREF pin for STM1404A. It is the VTPU pin for STM1404B/C.
www.st.com


Số phần tương tự - STM1404CTODQ6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1404CTODQ6F STMICROELECTRONICS-STM1404CTODQ6F Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
More results

Mô tả tương tự - STM1404CTODQ6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
logo
Mixed Signal Integratio...
MSFIPS MSI-MSFIPS Datasheet
97Kb / 8P
   FIPS-140 Level 4 Security Supervisor
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com