công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1404BTODQ6F bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STM1404BTODQ6F
Giải thích chi tiết về linh kiện  3 V FIPS-140 security supervisor with battery switchover
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404BTODQ6F bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STM1404BTODQ6F Datasheet HTML 7Page - STMicroelectronics STM1404BTODQ6F Datasheet HTML 8Page - STMicroelectronics STM1404BTODQ6F Datasheet HTML 9Page - STMicroelectronics STM1404BTODQ6F Datasheet HTML 10Page - STMicroelectronics STM1404BTODQ6F Datasheet HTML 11Page - STMicroelectronics STM1404BTODQ6F Datasheet HTML 12Page - STMicroelectronics STM1404BTODQ6F Datasheet HTML 13Page - STMicroelectronics STM1404BTODQ6F Datasheet HTML 14Page - STMicroelectronics STM1404BTODQ6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
STM1404
Pin descriptions
11/36
2
Pin descriptions
See Figure 1: Logic diagram and Table 2: Signal names for a brief overview of the signals
connected to this device.
2.1
SAL, security alarm output (open drain)
This signal can be generated when ANY of the following conditions occur:
VINT > VHV, where VHV = upper voltage trip limit (4.2 V typ); and where VINT = VCC or
VBAT;
VINT < VLV, where VLV = lower voltage trip limit (2.0 V typ); and where VINT = VCC or
VBAT; or
When any of the physical tamper inputs, TP1 to TP4, change from their normal states to
the opposite (i.e., intrusion of a physical enclosure).
TA > TH, where TH is an upper temperature trip limit specified by the customer (+80°C,
+85°C, and +95°C), factory-programmed (STM1404 only);
TA < TL, where TL is a lower temperature trip limit specified by the customer (–25°C or
–35°C), factory-programmed (STM1404 only);
Note:
1
The default state of the SAL output during initial power-up is undetermined.
2
The alarm function will operate either with VCC on or when the part is internally switched
from VCC to VBAT.
2.2
TP1, TP3
Physical tamper detect pin set normally to high (NH). They are connected externally through
a closed switch or a high-impedance resistor to VOUT (in the case of STM1404A) or VTPU (in
the case of STM1404B/C. A tamper condition will be detected when the input pin is pulled
low (see Figure 5 and Figure 6 on page 10). If not used, tie the pin to VOUT (for STM1404A)
or VTPU (for STM1404B/C).
2.3
TP2, TP4
Physical tamper detect pin set normally to low (NL). They are connected externally through
a high-impedance resistor or a closed switch to VSS. A tamper condition will be detected
when the input pin is pulled high (see Figure 7 and Figure 8 on page 10). If not used, tie the
pin to VSS.
2.3.1
Vccsw, VCC switch output
This output is low when VOUT (see Section 2.10: VOUT on page 13) is internally switched to
VCC; in this mode it may be used to turn on an external p-channel MOSFET switch which
can source an external device directly from VCC for currents greater than 80 mA (bypassing
the STM1404).
This pin goes high when VOUT is internally switched to VBAT and may be used as a
“BATTERY ON” indicator.


Số phần tương tự - STM1404BTODQ6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1404BTODQ6F STMICROELECTRONICS-STM1404BTODQ6F Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
More results

Mô tả tương tự - STM1404BTODQ6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
logo
Mixed Signal Integratio...
MSFIPS MSI-MSFIPS Datasheet
97Kb / 8P
   FIPS-140 Level 4 Security Supervisor
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com