công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVX574TTR bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện 74LVX574TTR
Giải thích chi tiết về linh kiện  LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX574TTR bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  74LVX574TTR Datasheet HTML 1Page - STMicroelectronics 74LVX574TTR Datasheet HTML 2Page - STMicroelectronics 74LVX574TTR Datasheet HTML 3Page - STMicroelectronics 74LVX574TTR Datasheet HTML 4Page - STMicroelectronics 74LVX574TTR Datasheet HTML 5Page - STMicroelectronics 74LVX574TTR Datasheet HTML 6Page - STMicroelectronics 74LVX574TTR Datasheet HTML 7Page - STMicroelectronics 74LVX574TTR Datasheet HTML 8Page - STMicroelectronics 74LVX574TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
August 2004
s
HIGH SPEED:
fMAX = 125MHz (TYP.) at VCC = 3.3V
s
5V TOLERANT INPUTS
s
POWER-DOWN PROTECTION ON INPUTS
s
INPUT VOLTAGE LEVEL:
VIL = 0.8V, VIH = 2V at VCC = 3V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
LOW NOISE:
VOLP = 0.3V (TYP.) at VCC =3.3V
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4 mA (MIN) at VCC =3V
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 574
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LVX574 is a low voltage CMOS OCTAL
D-TYPE FLIP-FLOP with 3 STATE OUTPUT NON
INVERTING fabricated with sub-micron silicon
gate and double-layer metal wiring C2MOS
technology. It is ideal for low power, battery
operated and low noise 3.3V applications.
This 8 bit D-Type flip-flop is controlled by a clock
input (CK) and an output enable input (OE). On
the positive transition of the clock, the Q outputs
will be set to the logic state that were setup at the
D inputs. While the (OE) input is low, the 8 outputs
will be in a normal logic state (high or low logic
level) and while high level the outputs will be in a
high impedance state. The output control does not
affect the internal operation of flip flops; that is, the
old data can be retained or the new data can be
entered even while the outputs are off.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage.
This device can be used to interface 5V to 3V. It
combines high speed performance with the true
CMOS low power consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVX574
LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
(3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVX574MTR
TSSOP
74LVX574TTR
TSSOP
SOP
Rev. 3


Số phần tương tự - 74LVX574TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVX574 ONSEMI-74LVX574 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
74LVX574M FAIRCHILD-74LVX574M Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574M FAIRCHILD-74LVX574M Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574MTC FAIRCHILD-74LVX574MTC Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Mô tả tương tự - 74LVX574TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74LVX374 STMICROELECTRONICS-74LVX374 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373 Datasheet
77Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573_04 Datasheet
299Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX374 STMICROELECTRONICS-74LCX374_04 Datasheet
277Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com