công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVQ4066 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện 74LVQ4066
Giải thích chi tiết về linh kiện  QUAD BILATERAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ4066 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  74LVQ4066_04 Datasheet HTML 1Page - STMicroelectronics 74LVQ4066_04 Datasheet HTML 2Page - STMicroelectronics 74LVQ4066_04 Datasheet HTML 3Page - STMicroelectronics 74LVQ4066_04 Datasheet HTML 4Page - STMicroelectronics 74LVQ4066_04 Datasheet HTML 5Page - STMicroelectronics 74LVQ4066_04 Datasheet HTML 6Page - STMicroelectronics 74LVQ4066_04 Datasheet HTML 7Page - STMicroelectronics 74LVQ4066_04 Datasheet HTML 8Page - STMicroelectronics 74LVQ4066_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2004
s
HIGH SPEED:
tPD = 0.4 ns (TYP.) at VCC = 3.3 V
tPD = 0.1 ns (TYP.) at VCC = 5 V
s
LOW POWER DISSIPATION:
ICC = 2µA (MAX.) at TA=25°C
s
LOW "ON " LOW RESISTANCE
RON = 14Ω at VCC = 3.3V, II/O < 1 mA
RON = 12Ω at VCC = 5.0V, II/O < 1 mA
s
SINE WAVE DISTORTION:
0.04% at VCC = 3.3V, f = 1KHz
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4066
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LVQ4066 is a low voltage CMOS QUAD
BILATERAL SWITCH fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology.
It is ideal for low power and low noise 3.3V
applications and each switch is designed to
handle both analog and digital signals.
The switches permit signals with amplitudes up to
VCC (peak) to be transmitted in either direction
without relevant propagation delay and without
generating additional ground bounce noise.
It has an ON-Resistance which is greatly reduced
in comparison with 74HC4066.
It is provided of four individual enable inputs to
control the switches; the switch is ON when the C
input is held high and OFF (High Impedance)
when C is held low.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
74LVQ4066
QUAD BILATERAL SWITCH
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVQ4066MTR
TSSOP
74LVQ4066TTR
TSSOP
SOP
Rev. 8


Số phần tương tự - 74LVQ4066_04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74LVQ4066M STMICROELECTRONICS-74LVQ4066M Datasheet
68Kb / 9P
   QUAD BILATERAL SWITCH
October 1999
74LVQ4066T STMICROELECTRONICS-74LVQ4066T Datasheet
68Kb / 9P
   QUAD BILATERAL SWITCH
October 1999
More results

Mô tả tương tự - 74LVQ4066_04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com