công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVQ244 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện 74LVQ244
Giải thích chi tiết về linh kiện  LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ244 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  74LVQ244 Datasheet HTML 1Page - STMicroelectronics 74LVQ244 Datasheet HTML 2Page - STMicroelectronics 74LVQ244 Datasheet HTML 3Page - STMicroelectronics 74LVQ244 Datasheet HTML 4Page - STMicroelectronics 74LVQ244 Datasheet HTML 5Page - STMicroelectronics 74LVQ244 Datasheet HTML 6Page - STMicroelectronics 74LVQ244 Datasheet HTML 7Page - STMicroelectronics 74LVQ244 Datasheet HTML 8Page - STMicroelectronics 74LVQ244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
August 2004
s
HIGH SPEED:
tPD = 5.5 ns (TYP.) at VCC = 3.3 V
s
COMPATIBLE WITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
LOW NOISE:
VOLP = 0.4V (TYP.) at VCC = 3.3V
s
75
Ω TRANSMISSION LINE OUTPUT DRIVE
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 12mA (MIN) at VCC = 3.0 V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 241
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LVQ241 is a low voltage CMOS OCTAL
BUS BUFFER fabricated with sub-micron silicon
gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and low noise
3.3V applications.
1G and 2G output control governs four BUS
BUFFERs.
This device is designed to be used with 3 state
memory address drivers, etc.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVQ241
LOW VOLTAGE OCTAL BUS BUFFER
WITH 3 STATE OUTPUTS (NON INVERTED)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVQ241MTR
TSSOP
74LVQ241TTR
TSSOP
SOP
Rev. 7


Số phần tương tự - 74LVQ244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74LVQ244 STMICROELECTRONICS-74LVQ244 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED
February 1999
logo
Fairchild Semiconductor
74LVQ244 FAIRCHILD-74LVQ244 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74LVQ244M STMICROELECTRONICS-74LVQ244M Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED
February 1999
logo
Fairchild Semiconductor
74LVQ244QSC FAIRCHILD-74LVQ244QSC Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

Mô tả tương tự - 74LVQ244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74LVQ244 STMICROELECTRONICS-74LVQ244 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED
February 1999
74LVQ241 STMICROELECTRONICS-74LVQ241 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
February 1999
74LVQ241 STMICROELECTRONICS-74LVQ241_04 Datasheet
256Kb / 12P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com