công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVQ240 bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện 74LVQ240
Giải thích chi tiết về linh kiện  LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ240 bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  74LVQ240 Datasheet HTML 1Page - STMicroelectronics 74LVQ240 Datasheet HTML 2Page - STMicroelectronics 74LVQ240 Datasheet HTML 3Page - STMicroelectronics 74LVQ240 Datasheet HTML 4Page - STMicroelectronics 74LVQ240 Datasheet HTML 5Page - STMicroelectronics 74LVQ240 Datasheet HTML 6Page - STMicroelectronics 74LVQ240 Datasheet HTML 7Page - STMicroelectronics 74LVQ240 Datasheet HTML 8Page - STMicroelectronics 74LVQ240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74LVQ240
2/12
Figure 2: Input And Output Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X : Don‘t Care
Z : High Impedance
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) Truth Table guaranteed: 1.2V to 3.6V
2) VIN from 0.8V to 2V
PIN N°
SYMBOL
NAME AND FUNCTION
11G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15,
17
2A1 to 2A4
Data Inputs
18, 16, 14,
12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enable Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G
An
Yn
LL
H
LHL
HX
Z
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 400
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
2 to 3.6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time VCC = 3.0V (note 2)
0 to 10
ns/V


Số phần tương tự - 74LVQ240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74LVQ240 STMICROELECTRONICS-74LVQ240 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
logo
Fairchild Semiconductor
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74LVQ240M STMICROELECTRONICS-74LVQ240M Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
logo
Fairchild Semiconductor
74LVQ240QSC FAIRCHILD-74LVQ240QSC Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

Mô tả tương tự - 74LVQ240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74LVQ240 STMICROELECTRONICS-74LVQ240 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M74HC540 STMICROELECTRONICS-M74HC540 Datasheet
253Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74LVQ244 STMICROELECTRONICS-74LVQ244 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED
February 1999
74AC240 STMICROELECTRONICS-74AC240 Datasheet
79Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
April 1997
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
78Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
April 1997
74VHC240 STMICROELECTRONICS-74VHC240_04 Datasheet
261Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74VHC240 STMICROELECTRONICS-74VHC240 Datasheet
65Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com