công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL084CN bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
TL084CN bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
11 / 16 page TL084 Package information 11/16 5 Package information In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 25. TSSOP14 package mechanical data Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 1.2 0.047 A1 0.05 0.15 0.002 0.004 0.006 A2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 D 4.9 5 5.1 0.193 0.197 0.201 E 6.2 6.4 6.6 0.244 0.252 0.260 E1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 BSC 0.0256 BSC K 0°8° 0°8° L 0.45 0.60 0.75 0.018 0.024 0.030 c E b A2 A E1 D 1 PIN 1 IDENTIFICATION A1 L K e |
Số phần tương tự - TL084CN |
|
Mô tả tương tự - TL084CN |