công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320DM642AGDKI7EP bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM320DM642AGDKI7EP
Giải thích chi tiết về linh kiện  Video/Imaging Fixed Point Digital Signal Processor
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM320DM642AGDKI7EP bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SM320DM642AGDKI7EP Datasheet HTML 1Page - Texas Instruments SM320DM642AGDKI7EP Datasheet HTML 2Page - Texas Instruments SM320DM642AGDKI7EP Datasheet HTML 3Page - Texas Instruments SM320DM642AGDKI7EP Datasheet HTML 4Page - Texas Instruments SM320DM642AGDKI7EP Datasheet HTML 5Page - Texas Instruments SM320DM642AGDKI7EP Datasheet HTML 6Page - Texas Instruments SM320DM642AGDKI7EP Datasheet HTML 7Page - Texas Instruments SM320DM642AGDKI7EP Datasheet HTML 8Page - Texas Instruments SM320DM642AGDKI7EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 170 page
background image
www.ti.com
1.3 Functional Block Diagram
HPI32
OR
HPI16
PCI-66
Test
C64x DSP Core
Data Path B
B Register File
B31−B16
B15−B0
Instruction Fetch
Instruction Dispatch
Advanced Instruction Packet
Instruction Decode
Data Path A
A Register File
A31−A16
A15−A0
Power-Down
Logic
.L1
.S1
.M1 .D1
.D2
.M2
.S2
.L2
64
SDRAM
FIFO
SBSRAM
SRAM
L1P Cache
Direct-Mapped
16K Bytes Total
Control
Registers
Control
Logic
L1D Cache 2-Way Set-Associative
16K Bytes Total
Advanced
In-Circuit
Emulation
Interrupt
Control
TMS320DM642
Enhanced
DMA
Controller
(EDMA)
L2
Cache
Memory
256kBytes
PLL
(x1, x6, x12)
Timer 2
EMIF A
ZBT SRAM
Timer 1
Boot Configuration
ROM/FLASH
I/O Devices
Video Port 2
(VP2)
VCXO
Interpolated
Control Port
(VIC)
8/10-bit VP1
McBSP1(A)
Video Port 1
(VP1
)
AND
McASP0
Data
OR
OR
AND/OR
EMAC
MDIO
OR
GP0
I2C0
16
2
(B)
8/10-bit VP0
McBSP0(A)
Video Port 0
(VP0)
AND
McASP0
Control
OR
OR
Timer 0
SM320DM642-EP
Video/Imaging Fixed Point Digital Signal Processor
SGUS058B – JUNE 2007 – REVISED JANUARY 2008
Figure 1-1 shows the functional block diagram of the DM642 device.
A.
McBSPs: Framing Chips – H.100, MVIP, SCSA, T1, E1; AC97 Devices; SPI Devices; Codecs
B.
The Video Port 0 (VP0) peripheral is muxed with the McBSP0 peripheral and the McASP0 control pins. The Video
Port 1 (VP1) peripheral is muxed with the McBSP1 peripheral and the McASP0 data pins. The PCI peripheral is
muxed with the HPI(32/16), EMAC, and MDIO peripherals. For more details on the multiplexed pins of these
peripherals, see the Device Configurations section of this data sheet.
Figure 1-1. Functional Block Diagram
SM320DM642 Video/Imaging Fixed-Point Digital Signal Processor
4
Submit Documentation Feedback


Số phần tương tự - SM320DM642AGDKI7EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320DM642AGDKI7EP TI-SM320DM642AGDKI7EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
More results

Mô tả tương tự - SM320DM642AGDKI7EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
[Old version datasheet]   SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com