công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGB10NB37LZ bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STGB10NB37LZ
Giải thích chi tiết về linh kiện  N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10NB37LZ bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STGB10NB37LZ Datasheet HTML 1Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 2Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 3Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 4Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 5Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 6Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 7Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STGB10NB37LZ
N-CHANNEL CLAMPED 10A D
2PAK
INTERNALLY CLAMPED PowerMESH
™ IGBT
s
POLYSILICON GATE VOLTAGE DRIVEN
s
LOW THRESHOLD VOLTAGE
s
LOW ON-VOLTAGE DROP
s
HIGH CURRENT CAPABILITY
s
HIGH VOLTAGE CLAMPING FEATURE
s
SURFACE-MOUNTING D
2PAK (TO-263)
POWER PACKAGE IN TUBE (NO SUFFIX)
OR IN TAPE & REEL (SUFFIX ”T4”)
DESCRIPTION
Using the latest high voltage technology based
on patented strip layout, SGS-Thomson has
designed an advanced family of IGBTs with
outstanding performances.
The built in collector-gate zener exhibits a very
precise active clamping while the gate-emitter
zener supplies an ESD protection.
APPLICATIONS
s
AUTOMOTIVE IGNITION
®
INTERNAL SCHEMATIC DIAGRAM
June 1999
1
3
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VCES
Collector-Emitter Volt age (VGS =0)
CLAMPED
V
VECR
Reverse Batt ery Prot ection
18
V
VGE
G ate-Emitter Voltage
CLAMPED
V
IC
Collector Current (continuous) at Tc =25
oC20
A
IC
Collector Current (continuous) at Tc = 100
oC20
A
ICM(
•)
Collector Current (pulsed)
60
A
Ptot
T otal Dissipation at Tc =25
oC
125
W
Derating Fact or
0. 83
W /
o C
ESD
ESD (Human Body Model)
4
KV
Tstg
Storage T emperature
-65 t o 175
o C
Tj
Max. Operating Junction Temperat ure
175
o C
(
•) Pulse width limited by safe operating area
TYPE
VCES
VCE(s at)
IC
STGB10NB37LZ
CLAMPED
< 1.8 V
10 A
D
2PAK
TO-263
1/8


Số phần tương tự - STGB10NB37LZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
445Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMesh TM IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
STGB10NB37LZT4 STMICROELECTRONICS-STGB10NB37LZT4 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_01 Datasheet
445Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMesh TM IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
More results

Mô tả tương tự - STGB10NB37LZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGB7NB40LZ STMICROELECTRONICS-STGB7NB40LZ Datasheet
391Kb / 8P
   N-CHANNEL CLAMPED 14A - D2PAK INTERNALLY CLAMPED PowerMESH??IGBT
STGB10NB40LZ STMICROELECTRONICS-STGB10NB40LZ Datasheet
481Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ_03 Datasheet
382Kb / 8P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_01 Datasheet
445Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMesh TM IGBT
STGB20NB32LZ STMICROELECTRONICS-STGB20NB32LZ Datasheet
494Kb / 11P
   N-CHANNEL CLAMPED 20A - D2PAK/I2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB20NB41LZ STMICROELECTRONICS-STGB20NB41LZ Datasheet
258Kb / 9P
   N-CHANNEL CLAMPED 20A - DPAK INTERNALLY CLAMPED PowerMESH IGBT
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
267Kb / 9P
   N-CHANNEL CLAMPED 20A - TO-220 INTERNALLY CLAMPED PowerMesh??IGBT
STGP20NB37LZ STMICROELECTRONICS-STGP20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A TO-220 INTERNALLY CLAMPED PowerMESH IGBT
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com