công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ-80C32E-30-E bảng dữ liệu(PDF) 6 Page - AIMTEC

tên linh kiện MJ-80C32E-30-E
Giải thích chi tiết về linh kiện  Rad. Tolerant 8-bit ROMless Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AIMTEC [AIMTEC]
Trang chủ  https://aimtec.com
Logo AIMTEC - AIMTEC

MJ-80C32E-30-E bảng dữ liệu(HTML) 6 Page - AIMTEC

Back Button MJ-80C32E-30-E Datasheet HTML 2Page - AIMTEC MJ-80C32E-30-E Datasheet HTML 3Page - AIMTEC MJ-80C32E-30-E Datasheet HTML 4Page - AIMTEC MJ-80C32E-30-E Datasheet HTML 5Page - AIMTEC MJ-80C32E-30-E Datasheet HTML 6Page - AIMTEC MJ-80C32E-30-E Datasheet HTML 7Page - AIMTEC MJ-80C32E-30-E Datasheet HTML 8Page - AIMTEC MJ-80C32E-30-E Datasheet HTML 9Page - AIMTEC MJ-80C32E-30-E Datasheet HTML 10Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
80C32E
4149M–AERO–06/03
Idle Mode
An instruction that sets PCON.0 causes that to be the last instruction executed before
going into Idle mode. In Idle mode, the internal clock signal is gated off to the CPU, but
not to the interrupt, Timer, and Serial Port functions. The CPU status is preserved in its
entirety: the Stack Pointer, Program Counter, Program Status Word, Accumulator, RAM
and all other registers maintain their data during Idle. The port pins hold the logical
states they had at the time Idle was activated. ALE and PSEN hold at logic high levels.
There are two ways to terminate the Idle. Activation of any enabled interrupt will cause
PCON.0 to be cleared by hardware, terminating the Idle mode. The interrupt will be ser-
viced, and following RETI the next instruction to be executed will be the one following
the instruction that put the device into idle.
The flag bits GF0 and GF1 can be used to give an indication if an interrupt occurred dur-
ing normal operation or during an Idle. For example, an instruction that activates Idle
can also set one or both flag bits. When Idle is terminated by an interrupt, the interrupt
service routine can examine the flag bits.
The other way of terminating the Idle mode is with a hardware reset. Since the clock
oscillator is still running, the hardware reset needs to be held active for only two
machine cycles (24 oscillator periods) to complete the reset.
Power-down Mode
To save maximum power, a power-down mode can be invoked by software.
In power-down mode, the oscillator is stopped and the instruction that invoked power-
down mode is the last instruction executed. The internal RAM and SFRs retain their
value until the power-down mode is terminated. V
CC can be lowered to save further
power. Either a hardware reset or an external interrupt can cause an exit from power-
down. To properly terminate power-down, the reset or external interrupt should not be
executed before V
CC is restored to its normal operating level and must be held active
long enough for the oscillator to restart and stabilize.
Only external interrupts INT0 and INT1 are useful to exit from power-down. For that,
interrupt must be enabled and configured as level or edge sensitive interrupt input.
Holding the pin low restarts the oscillator but bringing the pin high completes the exit as
detailed in Figure 1. When both interrupts are enabled, the oscillator restarts as soon as
one of the two inputs is held low and Power-down exit will be completed when the first
input will be released. In this case the higher priority interrupt service routine is executed
Once the interrupt is serviced, the next instruction to be executed after RETI will be the
one following the instruction that put 80C32E into power-down mode.
Figure 1. Power-down Exit Waveform
Exit from power-down by reset redefines all the SFRs, exit from power-down by external
interrupt does no affect the SFRs.
INT1
INT0
XTAL1
Power-down phase
Oscillator restart phase
Active phase
Active phase


Số phần tương tự - MJ-80C32E-30-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
MJ-80C32E-30-E ATMEL-MJ-80C32E-30-E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
MJ-80C32E-30-E ATMEL-MJ-80C32E-30-E Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
More results

Mô tả tương tự - MJ-80C32E-30-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com