công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD5NM60 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STD5NM60
Giải thích chi tiết về linh kiện  N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5NM60 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STD5NM60 Datasheet HTML 1Page - STMicroelectronics STD5NM60 Datasheet HTML 2Page - STMicroelectronics STD5NM60 Datasheet HTML 3Page - STMicroelectronics STD5NM60 Datasheet HTML 4Page - STMicroelectronics STD5NM60 Datasheet HTML 5Page - STMicroelectronics STD5NM60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
May 2000
STD5NM60
N-CHANNEL 600V - 0.8
Ω - 5A DPAK
MDmesh
™ Power MOSFET
s
TYPICAL RDS(on) = 0.8Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
100% AVALANCHE TESTED
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
s
TIGHT PROCESS CONTROL AND HIGH
MANUFACTORING YIELDS
DESCRIPTION
The MDmesh
™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH
™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar completition’s products.
APPLICATIONS
The MDmesh
™ family is very suitable for increase
the power density of high voltage converters allow-
ing system miniaturization and higher efficiencies.
ABSOLUTE MAXIMUM RATINGS
(
•)Pulse width limited by safe operating area
(1)ISD<5A, di/dt<200A/µs, VDD<V(BR)DSS,TJ<TJMAX
TYPE
VDSS
RDS(on)
ID
STD5NM60
600V
<0.9
5A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS =20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC =25°C5
A
ID
Drain Current (continuos) at TC = 100°C
3.1
A
IDM (q)
Drain Current (pulsed)
20
A
PTOT
Total Dissipation at TC =25°C
50
W
Derating Factor
0.4
W/
°C
dv/dt(1)
Peak Diode Recovery voltage slope
6
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
1
3
DPAK
TO-252
INTERNAL SCHEMATIC DIAGRAM


Số phần tương tự - STD5NM60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
489Kb / 16P
   N-CHANNEL 650V Tjmax-0.9ohm-8A TO-220/FP/D/IPAK/D2PAK STripFET II MOSFET
logo
Inchange Semiconductor ...
STD5NM60 ISC-STD5NM60 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
558Kb / 18P
   N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
Rev 17 October 2008
STD5NM60-1 STMICROELECTRONICS-STD5NM60-1 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
More results

Mô tả tương tự - STD5NM60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
E-CMOS Corporation
EC745N60 E-CMOS-EC745N60 Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
logo
Unisonic Technologies
5N60Z UTC-5N60Z Datasheet
199Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STP9NM60 STMICROELECTRONICS-STP9NM60 Datasheet
181Kb / 9P
   N-CHANNEL 600V - 0.55Ω - 8.3A TO-220/DPAK/IPAK MDmesh™Power MOSFET
January 2004
logo
Unisonic Technologies
5N60 UTC-5N60_11 Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
   N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
logo
Alpha & Omega Semicondu...
AOT5N60 AOSMD-AOT5N60_10 Datasheet
137Kb / 5P
   600V,5A N-Channel MOSFET
AOT5N60 AOSMD-AOT5N60 Datasheet
164Kb / 5P
   600V, 5A N-Channel MOSFET
logo
STMicroelectronics
STD5NB20 STMICROELECTRONICS-STD5NB20 Datasheet
53Kb / 5P
   N - CHANNEL 200V - 0.70ohm - 5A DPAK PowerMESHO MOSFET
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com