công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS02-1A66PP-500W bảng dữ liệu(PDF) 3 Page - Meder Electronic

tên linh kiện LS02-1A66PP-500W
Giải thích chi tiết về linh kiện  Level Sensors with Magnetic Floats
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEDER [Meder Electronic]
Trang chủ  http://www.meder.com
Logo MEDER - Meder Electronic

LS02-1A66PP-500W bảng dữ liệu(HTML) 3 Page - Meder Electronic

  LS02-1A66PP-500W Datasheet HTML 1Page - Meder Electronic LS02-1A66PP-500W Datasheet HTML 2Page - Meder Electronic LS02-1A66PP-500W Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
284
www.meder.com
MEDER electronic
CONTACT DATA
LS03 Series
Level Sensors with
Magnetic Floats
All Data at 20° C
Switch Model →
Contact Form →
Switch 66
Form A
Switch 85
Form A / B
Contact Ratings
Conditions
Min. Typ. Max. Min. Typ. Max. Units
Switching Power
Any DC combination of V & A not
to exceed their individual max.‘s
10
100
W
Switching Voltage
DC or peak AC
200
1000
V
Switching Current
DC or peak AC
0.5
1.0
A
Carry Current
DC or peak AC
1.25
2.5
A
Static Contact Resistance
w/ 0.5 V & 10 mA
150
150
Dynamic Contact Resistance Measured w/ 0.5 V & 50 mA ,
1.5 ms after closure
200
200
Insulation Resistance across
Contacts
100 volts applied
1010*
1011
Ω
Breakdown Voltage across
Contact
Voltage applied for 60 sec. min.
225 *
700
VDC
Operation Time incl. Bounce
Measured w/ 50 % overdrive
0.5
1.0
ms
Release Time
Measured w/ no coil suppression
0.1
0.1
ms
Capacitance
at 10 kHz cross contact
0.2
0.7
pF
Environmental Data
Shock Resistance
1/2 sinus wave duration 11 ms
50
50
g
Vibration Resistance
From 10 - 2000 Hz
20
20
g
Ambient Temperature
10°C/ minute max. allowable
-20
90
-20
130
o
C
Stock Temperature
10°C/ minute max. allowable
-20
100
-55
130
o
C
Soldering Temperature
5 sec. dwell
260
260
o
C
Please note: The indicated electrical data are maximum values and can vary downwards when using a more sensitive
switch.
* Insulation resistance of 1012 and breakdown voltage of 480 VDC is available.
These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section. Consult factory if
more detail is required.


Số phần tương tự - LS02-1A66PP-500W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Meder Electronic
LS02-1A66-PA-1000W MEDER-LS02-1A66-PA-1000W Datasheet
79Kb / 1P
   LS Level Sensor
logo
Standex Electronics, In...
LS02-1A66-PA-1000W STANDEX-LS02-1A66-PA-1000W Datasheet
125Kb / 1P
   LS02 Series Liquid Level Sensor
Rev.05
logo
Meder Electronic
LS02-1A66-PA-1000W_DE MEDER-LS02-1A66-PA-1000W_DE Datasheet
81Kb / 1P
   (deutsch) LS Level Sensor
LS02-1A66-PA-1500W MEDER-LS02-1A66-PA-1500W Datasheet
73Kb / 1P
   LS Level Sensor
LS02-1A66-PA-1500W_DE MEDER-LS02-1A66-PA-1500W_DE Datasheet
75Kb / 1P
   (deutsch) LS Level Sensor
More results

Mô tả tương tự - LS02-1A66PP-500W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Meder Electronic
LS01-1A66-PA-500W MEDER-LS01-1A66-PA-500W Datasheet
555Kb / 3P
   Level Sensors with Magnetic Floats
LS03-1A66-PA-500W MEDER-LS03-1A66-PA-500W Datasheet
950Kb / 3P
   Level Sensors with Magnetic Floats
logo
Carlo Gavazzi Holding A...
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
   Proximity Magnetic sensors Level Magnetic Sensors
ILMP5P CARLOGAVAZZI-ILMP5P Datasheet
55Kb / 2P
   Proximity Magnetic Sensors Level Magnetic Sensors ILMP Series
ILMS2 CARLOGAVAZZI-ILMS2 Datasheet
44Kb / 2P
   Proximity Magnetic Sensors Level Magnetic Sensors ILM Series
ILSP8 CARLOGAVAZZI-ILSP8 Datasheet
45Kb / 2P
   Proximity Magnetic Sensors Level Magnetic Sensors ILSP Series
logo
Balluff Korea Ltd.
BMF00N3 BALLUFF-BMF00N3 Datasheet
152Kb / 4P
   Magnetic Sensors
BMF00NM BALLUFF-BMF00NM Datasheet
158Kb / 4P
   Magnetic Sensors
BMP0010 BALLUFF-BMP0010 Datasheet
120Kb / 2P
   Magnetic Sensors
logo
Carlo Gavazzi Holding A...
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
   Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com