công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8519IDB bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8519IDB
Giải thích chi tiết về linh kiện  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IDB bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS8519IDB Datasheet HTML 5Page - Texas Instruments ADS8519IDB Datasheet HTML 6Page - Texas Instruments ADS8519IDB Datasheet HTML 7Page - Texas Instruments ADS8519IDB Datasheet HTML 8Page - Texas Instruments ADS8519IDB Datasheet HTML 9Page - Texas Instruments ADS8519IDB Datasheet HTML 10Page - Texas Instruments ADS8519IDB Datasheet HTML 11Page - Texas Instruments ADS8519IDB Datasheet HTML 12Page - Texas Instruments ADS8519IDB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
BUSY
STATUS
(N+1) th Accquisition
Error
Correction
Nth Conversion
External
DATACLK
DATA
Nth Conversion Data
SYNC = 0
D15
0
1
2
3
15
14
16
TAG
T01
D05
D10
D12
D13
D14
T00
T04
T03
T02
T13
T12
T11
T06
T16
T15
T14
Tyy
5
4
11
12
13
10
D11
T05
D04
D03
D02
D01
Txx
T00
D00
Null
T17
Null
R/C
EXT/INT tied high, CS tied low
tw1 + tsu1 starts READ
tw1
td1
tw2
tsu1
td3
td11
td2
tconv
tacq
td3
td1
tsu3
tw3
tc2
tw4
tsu1
td8
td8
tsu4
th1
BUSY
STATUS
Error
Correction
Nth Conversion
External
DATACLK
DATA
Nth Conversion Data
SYNC = 0
D15
0
1
2
3
15
14
16
D05
D10
D12
D13
D14
5
4
11
12
13
10
D11
D00
D04
D03
D02
D01
R/C
EXT/INT tied high, CS and TAG tied low
Rising DATACLK change DATA, tw1 + tsu1 Starts READ
TAG is not recommended for this mode. There is not enough
time to do so without violating td11.
tw1
td1
tw2
td10
td3
tsu3
tconv
td2
tsu1
tw3
tc2
tw4
td11
td8
td8
ADS8519
SLAS462A – JUNE 2007 – REVISED MARCH 2008
TIMING DIAGRAMS (continued)
Figure 4. Read After Conversion (Discontinuous External DATACLK)
Figure 5. Read During Conversion (Discontinuous External DATACLK)
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS8519


Số phần tương tự - ADS8519IDB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8519IDB TI-ADS8519IDB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IDB TI1-ADS8519IDB Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IDBG4 TI1-ADS8519IDBG4 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IDBR TI-ADS8519IDBR Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IDBR TI1-ADS8519IDBR Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8519IDB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com