công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1158IRTCTG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1158IRTCTG4
Giải thích chi tiết về linh kiện  16-Channel, 16-Bit Analog-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1158IRTCTG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS1158IRTCTG4 Datasheet HTML 1Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 2Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 3Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 4Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 5Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 6Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 7Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 8Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
ADS1158
1
FEATURES
DESCRIPTION
APPLICATIONS
16-Bit
ADC
Digital
Filter
Internal
Monitoring
16:1
Analog
Input
MUX
1
16
AINCOM
ADC
IN
ExtCLK
In/Out
AVSS
DGND
32.768kHz
AVDD
DVDD
MUX
OUT
SPI
Interface
CS
DRDY
SCLK
DIN
DOUT
Control
Oscillator
GPIO
START
RESET
PWDN
GPIO[7:0]
V
REF
ADS1158
AnalogInputs
ADS1158
www.ti.com ............................................................................................................................................................. SBAS429A – JUNE 2008 – REVISED JUNE 2008
16-Channel, 16-Bit Analog-to-Digital Converter
23
• 16 Bits, No Missing Codes
The
ADS1158
is
a
16-channel
(multiplexed),
low-noise, 16-bit, delta-sigma (
ΔΣ) analog-to-digital
• Fixed-Channel or Automatic Channel Scan
converter (ADC) that provides single-cycle settled
• Fixed-Channel Data Rate: 125kSPS
data at channel scan rates from 1.8k to 23.7k
• Auto-Scan Data Rate: 23.7kSPS/Channel
samples per second (SPS) per channel. A flexible
• Single-Conversion Settled Data
input
multiplexer
accepts
combinations
of
eight
differential or 16 single-ended inputs with a full-scale
• 16 Single-Ended or 8 Differential Inputs
differential range of 5V or true bipolar range of ±2.5V
• Unipolar (+5V) or Bipolar (±2.5V) Operation
when operating with a 5V reference. The fourth-order
• 0.3LSB (INL)
delta-sigma modulator is followed by a fifth-order sinc
digital filter optimized for low-noise performance.
• DC Stability:
0.02
µV/°C Offset Drift, 0.4ppm/°C Gain Drift
The differential output of the multiplexer is accessible
to allow signal conditioning before the input of the
• Open-Sensor Detection
ADC.
Internal
system
monitor
registers
provide
• Conversion Control Pin
supply voltage, temperature, reference voltage, gain,
• Multiplexer Output for External Signal
and offset data.
Conditioning
An onboard PLL generates the system clock from a
• On-Chip Temperature, Reference, Offset, Gain,
32.768kHz crystal, or can be overridden by an
and Supply Voltage Readback
external clock source. A buffered system clock output
• 42mW Power Dissipation
(15.7MHz) is provided to drive a microcontroller or
additional converters.
• Standby, Sleep, and Power-Down Modes
Serial digital communication is handled via an
• Eight General-Purpose Inputs/Outputs (GPIO)
SPI™-compatible interface. A simple command word
• 32.768kHz Crystal Oscillator or External Clock
structure controls channel configuration, data rates,
digital I/O, monitor functions, etc.
Programmable sensor bias current sources can be
• Medical, Avionics, and Process Control
used to bias sensors or verify sensor integrity.
• Machine and System Monitoring
The ADS1158 operates from a unipolar +5V or
• Fast Scan Multi-Channel Instrumentation
bipolar ±2.5V analog supply and a digital supply
• Industrial Systems
compatible with interfaces ranging from 2.7V to
• Test and Measurement Systems
5.25V. The ADS1158 is available in a QFN-48
package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS1158IRTCTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1158IRTCTG4 TI1-ADS1158IRTCTG4 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
More results

Mô tả tương tự - ADS1158IRTCTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com