công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST722311R7T7S bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện ST722311R7T7S
Giải thích chi tiết về linh kiện  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST722311R7T7S bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  ST722311R7T7S Datasheet HTML 1Page - STMicroelectronics ST722311R7T7S Datasheet HTML 2Page - STMicroelectronics ST722311R7T7S Datasheet HTML 3Page - STMicroelectronics ST722311R7T7S Datasheet HTML 4Page - STMicroelectronics ST722311R7T7S Datasheet HTML 5Page - STMicroelectronics ST722311R7T7S Datasheet HTML 6Page - STMicroelectronics ST722311R7T7S Datasheet HTML 7Page - STMicroelectronics ST722311R7T7S Datasheet HTML 8Page - STMicroelectronics ST722311R7T7S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 164 page
background image
Rev. 2.1
February 2000
1/164
ST72311R, ST72511R,
ST72512R, ST72532R
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC,
16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
DATASHEET
s
Memories
– 16K to 60K bytes Program memory
(ROM,OTP and EPROM)
with read-out protection
– 256 bytes E2PROM Data memory
(only on ST72532R4)
– 1024 to 2048 bytes RAM
s
Clock, Reset and Supply Management
– Enhanced reset system
– Low voltage supply supervisor
– Clock sources: crystal/ceramic resonator os-
cillator or external clock
– Beep and Clock-out capability
– 4 Power Saving Modes: Halt, Active-Halt,
Wait and Slow
s
Interrupt Management
– Nested interrupt controller
– 13 interrupt vectors plus TRAP and RESET
– 15 external interrupt lines (on 4 vectors)
– TLI dedicated top level interrupt pin
s
48 I/O Ports
– 48 multifunctional bidirectional I/O lines
– 32 alternate function lines
– 12 high sink outputs
s
5 Timers
– Configurable watchdog timer
– Real time clock timer
– One 8-bit auto-reload timer with 4 independ-
ent PWM output channels, 2 input captures,
output compares and external clock with
event detector (except on ST725x2R4)
– Two 16-bit timers with: 2 input captures, 2 out-
put compares, external clock input on one tim-
er, PWM and Pulse generator modes
s
3 Communications Interfaces
– SPI synchronous serial interface
– SCI asynchronous serial interface
– CAN interface (except on ST72311Rx)
s
1 Analog peripheral
– 8-bit ADC with 8 input channels
s
Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
s
Development Tools
– Full hardware/software development package
Device Summary
Note 1. See Section 12.3.1 on page 133 for more information on VDD versus fOSC.
TQFP64
14 x 14
Features
ST72511R9
ST72511R7
ST72511R6
ST72311R9 ST72311R7
ST72311R6
ST72512R4
ST72532R4
Program memory - bytes
60K
48K
32K
60K
48K
32K
16K
16K
RAM (stack) - bytes
2048 (256)
1536 (256)
1024 (256)
2048 (256)
1536 (256)
1024 (256)
1024 (256)
1024 (256)
EEPROM - bytes
-
-
-
---
-256
Peripherals
watchdog, two 16-bit timers, 8-bit PWM
ART, SPI, SCI, CAN, ADC
watchdog, two 16-bit timers, 8-bit PWM
ART, SPI, SCI, ADC
watchdog, two 16-bit timers,
SPI, SCI, CAN, ADC
Operating Supply
3.0V to 5.5V
3.0 to 5.5V 1)
CPU Frequency
2 to 8 MHz (with 4 to 16 MHz oscillator)
2 to 4 MHz 1)
Operating Temperature
-40
°C to +85°C (-40°C to +105/125°C optional)
Packages
TQFP64
1


Số phần tương tự - ST722311R7T7S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72212 STMICROELECTRONICS-ST72212 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72212 STMICROELECTRONICS-ST72212 Datasheet
885Kb / 85P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
ST72212G2 STMICROELECTRONICS-ST72212G2 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72212G2B1 STMICROELECTRONICS-ST72212G2B1 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72212G2B1 STMICROELECTRONICS-ST72212G2B1 Datasheet
885Kb / 85P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
More results

Mô tả tương tự - ST722311R7T7S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72589BW STMICROELECTRONICS-ST72589BW Datasheet
1Mb / 158P
   8-BIT MCU WITH NESTED INTERRUPTS, DOT MATRIX LCD, ADC, TIMERS, PWM-BRM, SPI, SCI, I짼C, CAN INTERFACES
June 2003 Rev. 2.7
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com