công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST722511R7T6S bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện ST722511R7T6S
Giải thích chi tiết về linh kiện  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST722511R7T6S bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button ST722511R7T6S Datasheet HTML 5Page - STMicroelectronics ST722511R7T6S Datasheet HTML 6Page - STMicroelectronics ST722511R7T6S Datasheet HTML 7Page - STMicroelectronics ST722511R7T6S Datasheet HTML 8Page - STMicroelectronics ST722511R7T6S Datasheet HTML 9Page - STMicroelectronics ST722511R7T6S Datasheet HTML 10Page - STMicroelectronics ST722511R7T6S Datasheet HTML 11Page - STMicroelectronics ST722511R7T6S Datasheet HTML 12Page - STMicroelectronics ST722511R7T6S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
9/164
24
VSS_3
S
Digital Ground Voltage
25
PF0/MCO
I/O
CT
X
ei1
X
X
Port F0
Main clock output (fOSC/2)
26
PF1/BEEP
I/O
CT
X
ei1
X
X
Port F1
Beep signal output
27
PF2
I/O
CT
X
ei1
X
X
Port F2
28
PF3/OCMP2_A
I/O
CT
X
X
X
X
Port F3
Timer A Output Compare 2
29
PF4/OCMP1_A
I/O
CT
X
X
X
X
Port F4
Timer A Output Compare 1
30
PF5/ICAP2_A
I/O
CT
X
X
X
X
Port F5
Timer A Input Capture 2
31
PF6 (HS)/ICAP1_A
I/O CT HS X
X
X
X
Port F6
Timer A Input Capture 1
32
PF7 (HS)/EXTCLK_A I/O CT HS X
X
X
X
Port F7
Timer A External Clock Source
33
VDD_0
S
Digital Main Supply Voltage
34
VSS_0
S
Digital Ground Voltage
35
PC0/OCMP2_B
I/O
CT
X
X
X
X
Port C0
Timer B Output Compare 2
36
PC1/OCMP1_B
I/O
CT
X
X
X
X
Port C1
Timer B Output Compare 1
37
PC2 (HS)/ICAP2_B
I/O CT HS X
X
X
X
Port C2
Timer B Input Capture 2
38
PC3 (HS)/ICAP1_B
I/O CT HS X
X
X
X
Port C3
Timer B Input Capture 1
39
PC4/MISO
I/O
CT
X
X
X
X
Port C4
SPI Master In / Slave Out Data
40
PC5/MOSI
I/O
CT
X
X
X
X
Port C5
SPI Master Out / Slave In Data
41
PC6/SCK
I/O
CT
X
X
X
X
Port C6
SPI Serial Clock
42
PC7/SS
I/O
CT
X
X
X
X
Port C7
SPI Slave Select (active low)
43
PA0
I/O
CT
X
ei0
X
X
Port A0
44
PA1
I/O
CT
X
ei0
X
X
Port A1
45
PA2
I/O
CT
X
ei0
X
X
Port A2
46
PA3
I/O
CT
X
ei0
X
X
Port A3
47
VDD_1
S
Digital Main Supply Voltage
48
VSS_1
S
Digital Ground Voltage
49
PA4 (HS)
I/O CT HS X
X
X
X
Port A4
50
PA5 (HS)
I/O CT HS X
X
X
X
Port A5
51
PA6 (HS)
I/O CT HS X
T
Port A6
52
PA7 (HS)
I/O CT HS X
T
Port A7
53
VPP
I
Must be tied low in user mode. In programming
mode when available, this pin acts as the pro-
gramming voltage input VPP .
54
RESET
I/O
C
X
X
Top priority non maskable interrupt (active low)
55
NC
Not Connected
56
NMI
I
CT
X
Non maskable interrupt input pin
57
VSS_3
S
Digital Ground Voltage
58
OSC2 3)
I/O
External clock mode input pull-up or crystal/ce-
ramic resonator oscillator inverter output
59
OSC1 3)
I
External clock input or crystal/ceramic resona-
tor oscillator inverter input
60
VDD_3
S
Digital Main Supply Voltage
Pin n
°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Inpu t
Outp ut


Số phần tương tự - ST722511R7T6S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72251 STMICROELECTRONICS-ST72251 Datasheet
43Kb / 10P
   ST7 KEYPAD DECODING TECHNIQUES, IMPLEMENTING WAKE-UP ON KEYSTROKE
More results

Mô tả tương tự - ST722511R7T6S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72589BW STMICROELECTRONICS-ST72589BW Datasheet
1Mb / 158P
   8-BIT MCU WITH NESTED INTERRUPTS, DOT MATRIX LCD, ADC, TIMERS, PWM-BRM, SPI, SCI, I짼C, CAN INTERFACES
June 2003 Rev. 2.7
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com